Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA604AP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA604AP
Description  FET-Input, Low Distortion OPERATIONAL AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA604AP Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA604AP Datasheet HTML 4Page - Texas Instruments OPA604AP Datasheet HTML 5Page - Texas Instruments OPA604AP Datasheet HTML 6Page - Texas Instruments OPA604AP Datasheet HTML 7Page - Texas Instruments OPA604AP Datasheet HTML 8Page - Texas Instruments OPA604AP Datasheet HTML 9Page - Texas Instruments OPA604AP Datasheet HTML 10Page - Texas Instruments OPA604AP Datasheet HTML 11Page - Texas Instruments OPA604AP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
OPA604
8
SBOS019A
www.ti.com
For the unity-gain buffer, Figure 3a, stability is preserved by
adding a phase-lead network, RC and CC. Voltage drop
across RC will reduce output voltage swing with heavy loads.
An alternate circuit, Figure 3b, does not limit the output with
low load impedance. It provides a small amount of positive
feedback to reduce the net feedback factor. Input impedance
of this circuit falls at high frequency as op amp gain rolloff
reduces the bootstrap action on the compensation network.
Figures 3c and 3d show compensation techniques for
noninverting amplifiers. Like the follower circuits, the circuit in
Figure 3d eliminates voltage drop due to load current, but at
the penalty of somewhat reduced input impedance at high
frequency.
Figures 3e and 3f show input lead compensation networks
for inverting and difference amplifier configurations.
NOISE PERFORMANCE
Op amp noise is described by two parameters—noise volt-
age and noise current. The voltage noise determines the
noise performance with low source impedance. Low noise
bipolar-input op amps such as the OPA27 and OPA37
provide very low voltage noise. But if source impedance is
greater than a few thousand ohms, the current noise of
bipolar-input op amps react with the source impedance and
will dominate. At a few thousand ohms source impedance
and above, the OPA604 will generally provide lower noise.
POWER DISSIPATION
The OPA604 is capable of driving a 600
Ω load with power-
supply voltages up to
±24V. Internal power dissipation is
increased when operating at high power supply voltage. The
typical characteristic curve, Power Dissipation vs Power
Supply Voltage, shows quiescent dissipation (no signal or no
load) as well as dissipation with a worst case continuous sine
wave. Continuous high-level music signals typically produce
dissipation significantly less than worst-case sine waves.
Copper leadframe construction used in the OPA604 im-
proves heat dissipation compared to conventional plastic
packages. To achieve best heat dissipation, solder the de-
vice directly to the circuit board and use wide circuit board
traces.
OUTPUT CURRENT LIMIT
Output current is limited by internal circuitry to approximately
±40mA at 25°C. The limit current decreases with increasing
temperature as shown in the typical curves.
FIGURE 2. Distortion Test Circuit.
R
2
OPA604
R
1
R
3
V
O = 10Vp-p
(3.5Vrms)
Generator
Output
Analyzer
Input
Audio Precision
System One
Analyzer(1)
R
L
1k
Ω
IBM PC
or
Compatible
SIG.
GAIN
DIST.
GAIN
R
1
R
2
R
3
∞
500
Ω
50
Ω
5k
Ω
5k
Ω
5k
Ω
50
Ω
500
Ω
∞
1
10
100
101
101
101
NOTE: (1) Measurement BW = 80kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com