Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA604AP Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # OPA604AP
Description  FET-Input, Low Distortion OPERATIONAL AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA604AP Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA604AP Datasheet HTML 8Page - Texas Instruments OPA604AP Datasheet HTML 9Page - Texas Instruments OPA604AP Datasheet HTML 10Page - Texas Instruments OPA604AP Datasheet HTML 11Page - Texas Instruments OPA604AP Datasheet HTML 12Page - Texas Instruments OPA604AP Datasheet HTML 13Page - Texas Instruments OPA604AP Datasheet HTML 14Page - Texas Instruments OPA604AP Datasheet HTML 15Page - Texas Instruments OPA604AP Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
OPA604
12
SBOS019A
www.ti.com
1
0
01
I
C
(mA)
05
log
(V
O)
1234
fO
2fO
3fO
4fO
5fO
V
BE = 1kHz + DC Bias
V
BE (V)
0.65
FFT
Frequency (kHz)
1
0
10
–I
D
(mA)
05
log
(V
O)
1234
fO
2fO
3fO
4fO
5fO
V
GS = 1kHz + DC Bias
V
GS (V)
FFT
Frequency (kHz)
VO
ID
VGS
VO
IC
VBE
FIGURE 10. I-V and Spectral Response of NPN and
JFET.
THE OPA604 DESIGN
The OPA604 uses FETs throughout the signal path,
including the input stage, input-stage load, and the
important phase-splitting section of the output stage.
Bipolar transistors are used where their attributes,
such as current capability are important, and where
their transfer characteristics have minimal impact.
The topology consists of a single folded-cascode gain
stage followed by a unity-gain output stage. Differen-
tial input transistors J1 and J2 are special large-geom-
etry, P-channel JFETs. Input stage current is a rela-
tively high 800
µA, providing high transconductance
and reducing voltage noise. Laser trimming of stage
currents and careful attention to symmetry yields a
nearly symmetrical slew rate of
±25V/µs.
The JFET input stage holds input bias current to
approximately 50pA or roughly 3000 times lower than
common bipolar-input audio op amps. This dramati-
cally reduces noise with high-impedance circuitry.
The drains of J1 and J2 are cascoded by Q1 and Q2,
driving the input stage loads, FETs J3 and J4. Distor-
tion reduction circuitry (patented) linearizes the open-
loop response and increases voltage gain. The 20MHz
bandwidth of the OPA604 further reduces distortion
through the user-connected feedback loop.
The output stage consists of a JFET phase-splitter
loaded into high speed all-NPN output drivers. Output
transistors are biased by a special circuit to prevent
cutoff, even with full output swing into 600
Ω loads.
The following discussion is provided, recognizing that
not all measured performance behavior explains or
correlates with listening tests by audio experts. The
design of the OPA604 included consideration of both
objective performance measurements, as well as an
awareness of widely held theory on the success and
failure of previous op amp designs.
SOUND QUALITY
The sound quality of an op amp is often the crucial
selection criteria—even when a data sheet claims
exceptional distortion performance. By its nature, sound
quality is subjective. Furthermore, results of listening
tests can vary depending on application and circuit
configuration. Even experienced listeners in controlled
tests often reach different conclusions.
Many audio experts believe that the sound quality of a
high performance FET op amp is superior to that of
bipolar op amps. A possible reason for this is that
bipolar designs generate greater odd-order harmonics
than FETs. To the human ear, odd-order harmonics
have long been identified as sounding more unpleas-
ant than even-order harmonics. FETs, like vacuum
tubes, have a square-law I-V transfer function which is
more linear than the exponential transfer function of a
bipolar transistor. As a direct result of this square-law
characteristic, FETs produce predominantly even-or-
der harmonics. Figure 10 shows the transfer function of
a bipolar transistor and FET. Fourier transformation of
both transfer functions reveals the lower odd-order
harmonics of the FET amplifier stage.
SOUND QUALITY
Distortion
Rejection
Circuitry
(+)
(–)
Output
Stage
R
3
1k
Ω
R
4
1k
Ω
R
8
3k
Ω
R
9
3k
Ω
R
1
75
Ω
R
2
75
Ω
R
5
500
Ω
R
7
4k
Ω
R
6
500
Ω
I
1
800µA
J
1
J
2
J
3
J
4
Q
4
Q
2
Q
3
Q
1
J
5
I
2
200µA
R
10
10k
Ω
R
11
10k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com