Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA604AP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA604AP
Description  FET-Input, Low Distortion OPERATIONAL AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA604AP Datasheet(HTML) 3 Page - Texas Instruments

  OPA604AP Datasheet HTML 1Page - Texas Instruments OPA604AP Datasheet HTML 2Page - Texas Instruments OPA604AP Datasheet HTML 3Page - Texas Instruments OPA604AP Datasheet HTML 4Page - Texas Instruments OPA604AP Datasheet HTML 5Page - Texas Instruments OPA604AP Datasheet HTML 6Page - Texas Instruments OPA604AP Datasheet HTML 7Page - Texas Instruments OPA604AP Datasheet HTML 8Page - Texas Instruments OPA604AP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
OPA604
3
SBOS019A
www.ti.com
ELECTRICAL CHARACTERISTICS
TA = +25°C, VS = ±15V, unless otherwise noted.
OPA604AP, AU
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
OFFSET VOLTAGE
Input Offset Voltage
±1
±5mV
Average Drift
±8
µV/°C
Power Supply Rejection
VS = ±5 to ±24V
80
100
dB
INPUT BIAS CURRENT(1)
Input Bias Current
VCM = 0V
50
pA
Input Offset Current
VCM = 0V
±3pA
NOISE
Input Voltage Noise
Noise Density: f = 10Hz
25
nV/
√Hz
f = 100Hz
15
nV/
√Hz
f = 1kHz
11
nV/
√Hz
f = 10kHz
10
nV/
√Hz
Voltage Noise, BW = 20Hz to 20kHz
1.5
µV
PP
Input Bias Current Noise
Current Noise Density, f = 0.1Hz to 20kHz
4fA/
√Hz
INPUT VOLTAGE RANGE
Common-Mode Input Range
±12
±13
V
Common-Mode Rejection
VCM = ±12V
80
100
dB
INPUT IMPEDANCE
Differential
1012 || 8
Ω || pF
Common-Mode
1012 || 10
Ω || pF
OPEN-LOOP GAIN
Open-Loop Voltage Gain
VO = ±10V, RL = 1kΩ
80
100
dB
FREQUENCY RESPONSE
Gain-Bandwidth Product
G = 100
20
MHz
Slew Rate
20VPP, RL = 1kΩ
15
25
V/
µs
Settling Time: 0.01%
G = –1, 10V Step
1.5
µs
0.1%
1
µs
Total Harmonic Distortion + Noise (THD+N)
G = 1, f = 1kHz
0.0003
%
VO = 3.5Vrms, RL = 1kΩ
OUTPUT
Voltage Output
RL = 600Ω±11
±12
V
Current Output
VO = ±12V
±35
mA
Short Circuit Current
±40
mA
Output Resistance, Open-Loop
25
Ω
POWER SUPPLY
Specified Operating Voltage
±15
V
Operating Voltage Range
±4.5
±24
V
Current
±5.3
±7mA
TEMPERATURE RANGE
Specification
–25
+85
°C
Storage
–40
+125
°C
Thermal Resistance(2),
θ
JA
90
°C/W
NOTES: (1) Typical performance, measured fully warmed-up. (2) Soldered to circuit board—see text.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com