Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA604AP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA604AP
Description  FET-Input, Low Distortion OPERATIONAL AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA604AP Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA604AP Datasheet HTML 7Page - Texas Instruments OPA604AP Datasheet HTML 8Page - Texas Instruments OPA604AP Datasheet HTML 9Page - Texas Instruments OPA604AP Datasheet HTML 10Page - Texas Instruments OPA604AP Datasheet HTML 11Page - Texas Instruments OPA604AP Datasheet HTML 12Page - Texas Instruments OPA604AP Datasheet HTML 13Page - Texas Instruments OPA604AP Datasheet HTML 14Page - Texas Instruments OPA604AP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
OPA604
11
SBOS019A
www.ti.com
FIGURE 8. Digital Audio DAC I-V Amplifier.
FIGURE 7. High Impedance Amplifier.
FIGURE 9. Using Two OPA604 Op Amps to Double the Output Current to a Load.
OPA604
OPA604
A
1
A
2
V
IN
R
1
R
2
I
1
R
4
51
Ω
I
2
OPA604
R
3
51
Ω
I
L = I1 + I2
Load
V
OUT = VIN (1+R2/R1)
V
OUT
OPA604
G = 101
(40dB)
100
Ω
10k
Ω
Piezoelectric
Transducer
1M
Ω(1)
NOTE: (1) Provides input
bias current return path.
OPA604
V
O = ±3Vp
R
F = Internal feedback resistance = 1.5kΩ
f
C = Crossover frequency = 8MHz
C
1
(1)
NOTE: (1) C
1 ≈
C
OUT
2
π R
f fc
To low-pass
filter.
OPA604
5
6
9
PCM63
20-bit
D/A
Converter
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com