Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA217AIP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # INA217AIP
Description  Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER Replacement for SSM2017
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA217AIP Datasheet(HTML) 4 Page - Texas Instruments

  INA217AIP Datasheet HTML 1Page - Texas Instruments INA217AIP Datasheet HTML 2Page - Texas Instruments INA217AIP Datasheet HTML 3Page - Texas Instruments INA217AIP Datasheet HTML 4Page - Texas Instruments INA217AIP Datasheet HTML 5Page - Texas Instruments INA217AIP Datasheet HTML 6Page - Texas Instruments INA217AIP Datasheet HTML 7Page - Texas Instruments INA217AIP Datasheet HTML 8Page - Texas Instruments INA217AIP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
INA217
4
SBOS247B
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C, VS = ±15V, RL = 2kΩ, unless otherwise noted.
GAIN vs FREQUENCY
70
60
50
40
30
20
10
0
–10
–20
Frequency (Hz)
10k
100k
1M
10M
G = 1000
G = 100
G = 10
G = 1
CURRENT NOISE SPECTRAL DENSITY
10.0
1
10
100
1k
10k
Frequency (Hz)
0.1
1
CMR vs FREQUENCY
140
120
100
80
60
40
20
0
Frequency (Hz)
10
1M
100
1k
10k
100k
G = 1000
G = 100
G = 10
G = 1
POWER-SUPPLY REJECTION
vs FREQUENCY
140
120
100
80
60
40
20
0
Frequency (Hz)
11M
10
100
1k
10k
100k
G = 10
G = 100, 1000
G = 1
0.1
0.01
0.001
0.0001
THD+N vs FREQUENCY
Frequency (Hz)
20
100
1k
10k 20k
V
O = 7Vrms
R
L = 10kΩ
G = 10
G = 1
G = 100
G = 1000
NOISE VOLTAGE (RTI) vs FREQUENCY
Frequency (Hz)
10
100
1k
10k
1k
100
10
1
G = 500
G = 1000
G = 100
G = 10
G = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com