Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA217AIP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA217AIP
Description  Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER Replacement for SSM2017
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA217AIP Datasheet(HTML) 1 Page - Texas Instruments

  INA217AIP Datasheet HTML 1Page - Texas Instruments INA217AIP Datasheet HTML 2Page - Texas Instruments INA217AIP Datasheet HTML 3Page - Texas Instruments INA217AIP Datasheet HTML 4Page - Texas Instruments INA217AIP Datasheet HTML 5Page - Texas Instruments INA217AIP Datasheet HTML 6Page - Texas Instruments INA217AIP Datasheet HTML 7Page - Texas Instruments INA217AIP Datasheet HTML 8Page - Texas Instruments INA217AIP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Low-Noise, Low-Distortion
INSTRUMENTATION AMPLIFIER
Replacement for SSM2017
DESCRIPTION
The INA217 is a low-noise, low-distortion, monolithic instru-
mentation amplifier. Current-feedback circuitry allows the
INA217 to achieve wide bandwidth and excellent dynamic
response over a wide range of gain. The INA217 is ideal for
low-level audio signals such as balanced low-impedance
microphones. Many industrial, instrumentation, and medical
applications also benefit from its low noise and wide band-
width.
Unique distortion cancellation circuitry reduces distortion to
extremely low levels, even in high gain. The INA217 provides
near-theoretical noise performance for 200
Ω source imped-
ance. The INA217 features differential input, low noise, and
low distortion that provides superior performance in profes-
sional microphone amplifier applications.
The INA217 features wide supply voltage, excellent output
voltage swing, and high output current drive, making it an
optimal candidate for use in high-level audio stages.
The INA217 is available in the same DIP-8 and SOL-16 wide
body packages and pinouts as the SSM2017. For a smaller
package, see the INA163 in SO-14 narrow. The INA217 is
specified over the temperature range of –40
°C to +85°C.
APPLICATIONS
q PROFESSIONAL MICROPHONE PREAMPS
q MOVING-COIL TRANSDUCER AMPLIFIERS
q DIFFERENTIAL RECEIVERS
q BRIDGE TRANSDUCER AMPLIFIERS
FEATURES
q LOW NOISE: 1.3nV/
√Hz at 1kHz
q LOW THD+N: 0.004% at 1kHz, G = 100
q WIDE BANDWIDTH: 800kHz at G = 100
q WIDE SUPPLY RANGE:
±4.5V to ±18V
q HIGH CMR: > 100dB
q GAIN SET WITH EXTERNAL RESISTOR
q DIP-8 AND SOL-16 WIDEBODY PACKAGES
INA217
SBOS247B – JUNE 2002 – REVISED FEBRUARY 2005
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2002-2005, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
INA2
17
INA2
17
A1
A2
A3
6k
Ω
6k
Ω
6
45
2
1
8
3
6k
Ω
6k
Ω
V
IN–
RG
1
V
IN+
RG
2
7
V–
V+
REF
INA217
G = 1 +
10k
Ω
R
G
5k
Ω
5k
Ω
V
OUT
All trademarks are the property of their respective owners.


Similar Part No. - INA217AIP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA217AIP TI-INA217AIP Datasheet
219Kb / 11P
Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER Replacement for SSM2017
INA217AIP TI1-INA217AIP Datasheet
966Kb / 25P
Low-Noise, Low-Distortion Instrumentation Amplifier Replacement
INA217AIPG4 TI1-INA217AIPG4 Datasheet
966Kb / 25P
Low-Noise, Low-Distortion Instrumentation Amplifier Replacement
More results

Similar Description - INA217AIP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA103 BURR-BROWN-INA103 Datasheet
297Kb / 12P
Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA217 TI-INA217 Datasheet
219Kb / 11P
Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER Replacement for SSM2017
INA166 TI-INA166 Datasheet
148Kb / 9P
Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA163 BURR-BROWN-INA163 Datasheet
250Kb / 11P
Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER
INA103 BURR-BROWN-INA103_07 Datasheet
282Kb / 14P
Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
INA163 BURR-BROWN-INA163_06 Datasheet
249Kb / 11P
Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA103AG TI1-INA103AG Datasheet
785Kb / 17P
Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
INA217 TI-INA217_15 Datasheet
912Kb / 25P
INA217 Low-Noise, Low-Distortion Instrumentation Amplifier Replacement for SSM2017
INA217 TI1-INA217 Datasheet
966Kb / 25P
Low-Noise, Low-Distortion Instrumentation Amplifier Replacement
INA166 TI1-INA166_08 Datasheet
333Kb / 11P
Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com