Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA217AIP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # INA217AIP
Description  Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER Replacement for SSM2017
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA217AIP Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA217AIP Datasheet HTML 3Page - Texas Instruments INA217AIP Datasheet HTML 4Page - Texas Instruments INA217AIP Datasheet HTML 5Page - Texas Instruments INA217AIP Datasheet HTML 6Page - Texas Instruments INA217AIP Datasheet HTML 7Page - Texas Instruments INA217AIP Datasheet HTML 8Page - Texas Instruments INA217AIP Datasheet HTML 9Page - Texas Instruments INA217AIP Datasheet HTML 10Page - Texas Instruments INA217AIP Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
INA217
7
SBOS247B
www.ti.com
FIGURE 3. Offset Voltage Adjustment Circuit.
OFFSET VOLTAGE TRIM
A variable voltage applied to pin 5, as shown in Figure 3, can
be used to adjust the output offset voltage. A voltage applied
to pin 5 is summed with the output signal. An op amp
connected as a buffer is used to provide a low impedance at
pin 5 to assure good common-mode rejection.
INA217
V+
V–
V
O
V+
150
Ω
10k
Ω
150
Ω
100
µA
100
µA
2
1
8
R
G
3
5
7
4
6
V–
OPA237
MICROPHONE AMPLIFIER
Figure 4 shows a typical circuit for a professional microphone
input amplifier. R1 and R2 provide a current path for conven-
tional 48V phantom power source for a remotely located
microphone. An optional switch allows phantom power to be
disabled. C1 and C2 block the phantom power voltage from
the INA217 input circuitry. Non-polarized capacitors should
be used for C1 and C2 if phantom power is to be disabled. For
additional input protection against ESD and hot-plugging,
four IN4148 diodes may be connected from the input to
supply lines.
R4 and R5 provide a path for input bias current of the INA217.
Input offset current (typically 100nA) creates a DC differential
input voltage that will produce an output offset voltage. This
is generally the dominant source of output offset voltage in
this application. With a maximum gain of 1000 (60dB), the
output offset voltage can be several volts. This may be
entirely acceptable if the output is AC-coupled into the
subsequent stage. An alternate technique is shown in Figure 4.
An inexpensive FET-input op amp in a feedback loop drives
the DC output voltage to 0V. A2 is not in the audio signal path
and does not affect signal quality.
Gain is set with a variable resistor, R7, in series with R6.
R6 determines the maximum gain. The total resistance,
R6 + R7, determines the lowest gain. A special reverse-log
taper potentiometer for R7 can be used to create a linear
change (in dB) with rotation.
R
5
2.2k
Ω
R
6
(2)
8
Ω
R
7
(3)
1.6k
Ω
A1
INA217
+
47
µF
R
3
47k
Ω
R
2
6.8k
Ω
R
1
6.8k
Ω
Phantom Power
+48V
+
+
R
4
2.2k
Ω
C
1
(1)
47
µF
60V
C
2
(1)
47
µF
60V
A2
OPA137
0.1
µF
+15V
0.1
µF
0.1
µF
1M
Ω
V
O
–15V
Optional DC
output control loop.
6
7
5
4
1
2
3
Female XLR
Connector
NOTES: (1) Use non-polar capacitors if phantom power is to be
turned off. (2) R
6 sets maximum gain. (3) R7 sets minimum gain.
(4) Optional IN4148 prevents damage due to ESD and hot-plugging.
+15V
–15V
IN4148(4)
+15V
–15V
IN4148(4)
FIGURE 4. Phantom-Powered Microphone Preamplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com