Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA217AIP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # INA217AIP
Description  Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER Replacement for SSM2017
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA217AIP Datasheet(HTML) 5 Page - Texas Instruments

  INA217AIP Datasheet HTML 1Page - Texas Instruments INA217AIP Datasheet HTML 2Page - Texas Instruments INA217AIP Datasheet HTML 3Page - Texas Instruments INA217AIP Datasheet HTML 4Page - Texas Instruments INA217AIP Datasheet HTML 5Page - Texas Instruments INA217AIP Datasheet HTML 6Page - Texas Instruments INA217AIP Datasheet HTML 7Page - Texas Instruments INA217AIP Datasheet HTML 8Page - Texas Instruments INA217AIP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
INA217
5
SBOS247B
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VS = ±15V, RL = 2kΩ, unless otherwise noted.
SETTLING TIME vs GAIN
Gain
1
10
100
1000
10
8
6
4
2
0
20V Step
0.01%
0.1%
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
V+
(V+) – 2
(V+) – 4
(V+) – 6
(V–) + 6
(V–) + 4
(V–) + 2
V–
0
102030405060
Output Current (mA)
SMALL-SIGNAL TRANSIENT RESPONSE
(G = 1)
2.5
µs/div
SMALL-SIGNAL TRANSIENT RESPONSE
(G = 100)
10
µs/div
LARGE-SIGNAL TRANSIENT RESPONSE
(G = 1)
2.5
µs/div
LARGE-SIGNAL TRANSIENT RESPONSE
(G = 100)
2.5
µs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com