Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA217AIP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # INA217AIP
Description  Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER Replacement for SSM2017
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA217AIP Datasheet(HTML) 3 Page - Texas Instruments

  INA217AIP Datasheet HTML 1Page - Texas Instruments INA217AIP Datasheet HTML 2Page - Texas Instruments INA217AIP Datasheet HTML 3Page - Texas Instruments INA217AIP Datasheet HTML 4Page - Texas Instruments INA217AIP Datasheet HTML 5Page - Texas Instruments INA217AIP Datasheet HTML 6Page - Texas Instruments INA217AIP Datasheet HTML 7Page - Texas Instruments INA217AIP Datasheet HTML 8Page - Texas Instruments INA217AIP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
INA217
3
SBOS247B
www.ti.com
INA217
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
GAIN EQUATION
G = 1 + 10k/RG
Range
1 to 10000
V/V
Gain Error, G = 1
±0.1
±0.25
%
G = 10
±0.2
±0.7
%
G = 100
±0.2
%
G = 1000
±0.5
%
Gain Temp Drift Coefficient, G = 1
±3
±10
ppm/
°C
G > 10
±40
±100
ppm/
°C
Nonlinearity, G = 1
±0.0003
% of FS
G = 100
±0.0006
% of FS
INPUT STAGE NOISE
Voltage Noise
RSOURCE = 0Ω
fO = 1kHz
1.3
nV/
√Hz
fO = 100Hz
1.5
nV/
√Hz
fO = 10Hz
3.5
nV/
√Hz
Current Noise
fO = 1kHz
0.8
pA/
√Hz
OUTPUT STAGE NOISE
Voltage Noise, fO = 1kHz
90
nV/
√Hz
INPUT OFFSET VOLTAGE
Input Offset Voltage
VCM = VOUT = 0V
50 + 2000/G
250 + 5000/G
µV
vs Temperature
TA = TMIN to TMAX
1 + 20/G
µV/°C
vs Power Supply
VS = ±4.5V to ±18V
1 + 50/G
3 + 200/G
µV/V
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VIN+ – VIN– = 0V
(V+) – 4
(V+) – 3V
VIN+ – VIN– = 0V
(V–) + 4
(V–) + 3
V
Common-Mode Rejection, G = 1
VCM = ±11V, RSRC = 0Ω
70
80
dB
G = 100
100
116
dB
INPUT BIAS CURRENT
Initial Bias Current
212
µA
vs Temperature
10
nA/
°C
Initial Offset Current
0.1
1
µA
vs Temperature
0.5
nA/
°C
INPUT IMPEDANCE
Differential
60
 2MΩ  pF
Common-Mode
60
 2MΩ  pF
DYNAMIC RESPONSE
Bandwidth, Small Signal, –3dB, G = 1
3.4
MHz
G = 100
800
kHz
Slew Rate
15
V/
µs
THD+Noise, f = 1kHz
G = 100
0.004
%
Settling Time, 0.1%
G = 100, 10V Step
2
µs
0.01%
G = 100, 10V Step
3.5
µs
Overload Recovery
50% Overdrive
1
µs
OUTPUT
Voltage
RL to GND
(V+) – 2
(V+) – 1.8
V
(V–) + 2
(V–) + 1.8
V
Load Capacitance Stability
1000
pF
Short-Circuit Current
Continuous-to-Common
±60
mA
POWER SUPPLY
Rated Voltage
±15
V
Voltage Range
±4.5
±18
V
Current, Quiescent
IO = 0mA
±10
±12
mA
TEMPERATURE RANGE
Specification
–40
+85
°C
Operating
–40
+125
°C
Thermal Resistance
DIP-8
θ
JA
+85
°C/W
SOL-16
+90
°C/W
NOTE: (1) Gain accuracy is a function of external RG.
ELECTRICAL CHARACTERISTICS: VS = ±15V
Boldface limits apply over the specified temperature range, TA = –40°C to +85°C.
TA = +25°C, RL = 2kΩ, VS = ±15V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com