Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5821 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5821
Description  120 mA, Current Sinking, 10-Bit, I2C DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5821 Datasheet(HTML) 5 Page - Analog Devices

  AD5821 Datasheet HTML 1Page - Analog Devices AD5821 Datasheet HTML 2Page - Analog Devices AD5821 Datasheet HTML 3Page - Analog Devices AD5821 Datasheet HTML 4Page - Analog Devices AD5821 Datasheet HTML 5Page - Analog Devices AD5821 Datasheet HTML 6Page - Analog Devices AD5821 Datasheet HTML 7Page - Analog Devices AD5821 Datasheet HTML 8Page - Analog Devices AD5821 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD5821
Rev. 0 | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 4.
Parameter
Rating
VDD to AGND
–0.3 V to +5.5 V
VDD to DGND
–0.3 V to VDD + 0.3 V
AGND to DGND
–0.3 V to +0.3 V
SCL, SDA to DGND
–0.3 V to VDD + 0.3 V
XSHUTDOWN to DGND
–0.3 V to VDD + 0.3 V
ISINK to AGND
–0.3 V to VDD + 0.3 V
Operating Temperature Range
Industrial (B Version)
−30°C to +85°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature (TJ MAX)
150°C
WLFCSP Power Dissipation
(TJ MAX − TA)/θJA
θJA Thermal Impedance1
Mounted on 4-Layer Board
95°C/W
Lead Temperature, Soldering
Maximum Peak Reflow Temperature2
260°C (±5°C)
1 To achieve the optimum θJA, it is recommended that the AD5821
be soldered on a 4-layer board.
2 As per JEDEC J-STD-020C.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com