Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5821 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5821
Description  120 mA, Current Sinking, 10-Bit, I2C DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5821 Datasheet(HTML) 1 Page - Analog Devices

  AD5821 Datasheet HTML 1Page - Analog Devices AD5821 Datasheet HTML 2Page - Analog Devices AD5821 Datasheet HTML 3Page - Analog Devices AD5821 Datasheet HTML 4Page - Analog Devices AD5821 Datasheet HTML 5Page - Analog Devices AD5821 Datasheet HTML 6Page - Analog Devices AD5821 Datasheet HTML 7Page - Analog Devices AD5821 Datasheet HTML 8Page - Analog Devices AD5821 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
120 mA, Current Sinking,
10-Bit, I2C® DAC
AD5821
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
120 mA current sink
Available in 3 × 3 array WLCSP package
2-wire (I2C-compatible) 1.8 V serial interface
10-bit resolution
Integrated current sense resistor
2.7 V to 5.5 V power supply
Guaranteed monotonic over all codes
Power-down to 0.5 μA typical
Internal reference
Ultralow noise preamplifier
Power-down function
Power-on reset
CONSUMER APPLICATIONS
Lens autofocus
Image stabilization
Optical zoom
Shutters
Iris/exposure
Neutral density (ND) filters
Lens covers
Camera phones
Digital still cameras
Camera modules
Digital video cameras/camcorders
Camera-enabled devices
Security cameras
Web/PC cameras
INDUSTRIAL APPLICATIONS
Heater controls
Fan controls
Cooler (Peltier) controls
Solenoid controls
Valve controls
Linear actuator controls
Light controls
Current loop controls
GENERAL DESCRIPTION
The AD5821 is a single 10-bit digital-to-analog converter with
120 mA output current sink capability. It features an internal
reference and operates from a single 2.7 V to 5.5 V supply.
The DAC is controlled via a 2-wire (I2C-compatible) serial
interface that operates at clock rates up to 400 kHz.
The AD5821 incorporates a power-on reset circuit that ensures
that the DAC output powers up to 0 V and remains there until
a valid write takes place. It has a power-down feature that reduces
the current consumption of the device to 1 μA maximum.
The AD5821 is designed for autofocus, image stabilization, and
optical zoom applications in camera phones, digital still cameras,
and camcorders.
The AD5821 also has many industrial applications, such as
controlling temperature, light, and movement, over the range of
−40°C to +85°C without derating.
The I2C address for the AD5821 is 0x18.
FUNCTIONAL BLOCK DIAGRAM
RSENSE
3.3Ω
R
AD5821
D1
10-BIT
CURRENT
OUTPUT DAC
SDA
AGND
XSHUTDOWN
VDD
DGND
SCL
ISINK
DGND
VDD
I2C SERIAL
INTERFACE
REFERENCE
POWER-ON
RESET
Figure 1.


Similar Part No. - AD5821

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5821 AD-AD5821 Datasheet
395Kb / 6P
Tape and Reel Packaging
AD5821 AD-AD5821 Datasheet
395Kb / 6P
Tape and Reel Packaging
AD5821A AD-AD5821A Datasheet
500Kb / 16P
120 mA, Current Sinking, 10-Bit, I2C DAC
REV. 0
AD5821A-WAFER AD-AD5821A-WAFER Datasheet
500Kb / 16P
120 mA, Current Sinking, 10-Bit, I2C DAC
REV. 0
AD5821ABCBZ-REEL AD-AD5821ABCBZ-REEL Datasheet
500Kb / 16P
120 mA, Current Sinking, 10-Bit, I2C DAC
REV. 0
More results

Similar Description - AD5821

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5398 AD-AD5398 Datasheet
319Kb / 16P
120 mA, Current Sinking, 10-Bit, I2C DAC
7/05-Rev. 0 to Rev. A
logo
Aimtron Technology
AT5510 AIMTRON-AT5510 Datasheet
208Kb / 12P
120mA, Current Sinking, 10-bit I2C DAC for VCM Driver
logo
Analog Devices
AD5398A AD-AD5398A Datasheet
475Kb / 16P
120 mA, Current Sinking, 10-Bit, I2C DAC
REV. 0
AD5821A AD-AD5821A Datasheet
500Kb / 16P
120 mA, Current Sinking, 10-Bit, I2C DAC
REV. 0
logo
Maxim Integrated Produc...
DS4432 MAXIM-DS4432 Datasheet
217Kb / 9P
Dual-Channel, I2C, 7-Bit Sink/Source Current DAC
Rev 0; 12/08
MAX5547 MAXIM-MAX5547_09 Datasheet
274Kb / 12P
Dual, 10-Bit, Current-Sink Output DAC
Rev 2; 7/09
logo
Princeton Technology Co...
PT5661 PTC-PT5661 Datasheet
217Kb / 5P
102.3mA, Current Sinking, 10-bit, I짼C DAC
logo
Analog Devices
AD5398 AD-AD5398_15 Datasheet
580Kb / 17P
120 mA, Current Sinking, 10-Bit, IC DAC
REV. B
logo
Global Mixed-mode Techn...
G2003 GMT-G2003 Datasheet
134Kb / 1P
120mA, Current Sinking, 10-bit I2C DAC for VCM Driver
logo
Maxim Integrated Produc...
MAX5112 MAXIM-MAX5112 Datasheet
9Mb / 28P
9-Channel, 14-Bit, Current DAC with I2C Interface
19-3563; Rev 1; 5/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com