Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5821 Datasheet(PDF) 7 Page - Analog Devices

Part # AD5821
Description  120 mA, Current Sinking, 10-Bit, I2C DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5821 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5821 Datasheet HTML 3Page - Analog Devices AD5821 Datasheet HTML 4Page - Analog Devices AD5821 Datasheet HTML 5Page - Analog Devices AD5821 Datasheet HTML 6Page - Analog Devices AD5821 Datasheet HTML 7Page - Analog Devices AD5821 Datasheet HTML 8Page - Analog Devices AD5821 Datasheet HTML 9Page - Analog Devices AD5821 Datasheet HTML 10Page - Analog Devices AD5821 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD5821
Rev. 0 | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
2.0
–0.5
0
0.5
1.0
1.5
INL VDD = 3.8V
TEMP = 25
°C
CODE
Figure 5. Typical INL vs. Code Plot
0.6
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
CODE
DNL VDD = 3.8V
TEMP = 25
°C
Figure 6. Typical DNL vs. Code Plot
91.5
92.0
91.0
90.5
90.0
89.5
89.0
88.5
88.0
300.0–6 333.1–6
250.0–6
200.0–6
150.0–6
100.0–6
53.5–6
TIME
Figure 7. ¼ to ¾ Scale Settling Time (VDD = 3.6 V)
CH3
M50.0
μs
VERT = 50
μs/DIV
HORIZ = 468
μA/DIV
3
Figure 8. Settling Time for a 4-LSB Step (VDD = 3.6 V)
CH1
M2.0s
VERT = 2
μA/DIV
4.8
μA p-p
HORIZ = 2s/DIV
1
Figure 9. 0.1 Hz to 10 Hz Noise Plot (VDD = 3.6 V)
0.14
0.12
IOUT @ +25°C
IOUT @ +85°C
IOUT @ –40°C
0.10
0.08
0.06
0.04
0.02
0
CODE
Figure 10. Sink Current vs. Code vs. Temperature (VDD = 3.6 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com