Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5821 Datasheet(PDF) 14 Page - Analog Devices

Part # AD5821
Description  120 mA, Current Sinking, 10-Bit, I2C DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5821 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5821 Datasheet HTML 8Page - Analog Devices AD5821 Datasheet HTML 9Page - Analog Devices AD5821 Datasheet HTML 10Page - Analog Devices AD5821 Datasheet HTML 11Page - Analog Devices AD5821 Datasheet HTML 12Page - Analog Devices AD5821 Datasheet HTML 13Page - Analog Devices AD5821 Datasheet HTML 14Page - Analog Devices AD5821 Datasheet HTML 15Page - Analog Devices AD5821 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AD5821
Rev. 0 | Page 14 of 16
APPLICATIONS INFORMATION
The AD5821 is designed to drive both spring-preloaded and
nonspring linear motors used in applications such as lens auto-
focus, image stabilization, or optical zoom. The operation principle
of the spring-preloaded motor is that the lens position is controlled
by the balancing of a voice coil and spring. Figure 25 shows the
transfer curve of a typical spring-preloaded linear motor for
autofocus. The key points of this transfer function are displace-
ment or stroke, which is the actual distance the lens moves in
millimeters (mm) and the current through the motor, measured
in milliamps (mA).
A start current is associated with spring-preloaded linear
motors, which is a threshold current that must be exceeded for
any displacement in the lens to occur. The start current is usually
20 mA or greater; the rated stroke or displacement is usually
0.25 mm to 0.4 mm; and the slope of the transfer curve is
approximately 10 μm/mA or less.
The AD5821 is designed to sink up to 120 mA, which is more
than adequate for available commercial linear motors or voice
coils. Another factor that makes the AD5821 the ideal solution
for these applications is the monotonicity of the device, ensuring
that lens positioning is repeatable for the application of a given
digital word.
Figure 26 shows a typical application circuit for the AD5821.
10
50
60
80
70
90 100
40
30
20
110 120
0.1
0.5
0.4
0.3
0.2
START
CURRENT
SINK CURRENT (mA)
Figure 25. Spring-Preloaded Voice Coil Stroke vs. Sink Current
7
2
1
XSHUTDOWN
8
VOICE
COIL
ISINK
RSENSE
REFERENCE
R
AD5821
5
SCL
SDA
I2C MASTER
DEVICE
I2C SLAVE
DEVICE
RP
RP
VDD
VCC
VDD
D1
0.1µF
I2C SERIAL
INTERFACE
3
4
6
POWER-ON
RESET
0.1µF
10µF
10µF
+
+
VCC
VDD
10-BIT
CURRENT
OUTPUT DAC
Figure 26. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com