Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5821 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5821
Description  120 mA, Current Sinking, 10-Bit, I2C DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5821 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5821 Datasheet HTML 8Page - Analog Devices AD5821 Datasheet HTML 9Page - Analog Devices AD5821 Datasheet HTML 10Page - Analog Devices AD5821 Datasheet HTML 11Page - Analog Devices AD5821 Datasheet HTML 12Page - Analog Devices AD5821 Datasheet HTML 13Page - Analog Devices AD5821 Datasheet HTML 14Page - Analog Devices AD5821 Datasheet HTML 15Page - Analog Devices AD5821 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD5821
Rev. 0 | Page 12 of 16
PD
X
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
00
SCL
SDA
START BY
MASTER
ACK BY
AD5821
11
91
ACK BY
AD5821
ACK BY
AD5821
STOP BY
MASTER
FRAME 3
LEAST SIGNIFICANT
DATA BYTE
FRAME 2
MOST SIGNIFICANT
DATA BYTE
FRAME 1
SERIAL BUS
ADDRESS BYTE
01
1
1
1
R/W
9
Figure 22. Write Operation
PD
X
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
00
SCL
SDA
START BY
MASTER
ACK BY
AD5821
11
91
ACK BY
AD5821
ACK BY
AD5821
STOP BY
MASTER
FRAME 3
LEAST SIGNIFICANT
DATA BYTE
FRAME 2
MOST SIGNIFICANT
DATA BYTE
FRAME 1
SERIAL BUS
ADDRESS BYTE
01
1
1
1
R/W
9
Figure 23. Read Operation
Table 6. Data Format1
Serial Data-Words
High Byte
Low Byte
Serial Data Bits
SD7
SD6
SD5
SD4
SD3
SD2
SD1
SD0
SD7
SD6
SD5
SD4
SD3
SD2
SD1
SD0
Input Register
R15
R14
R13
R12
R11
R10
R9
R8
R7
R6
R5
R4
R3
R2
R1
R0
Function
XSHUTDOWN
X
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
1 XSHUTDOWN = soft power-down; X = unused/don’t care; and D9 to D0 = DAC data.
POWER SUPPLY BYPASSING AND GROUNDING
When accuracy is important in an application, it is beneficial to
consider power supply and ground return layout on the PCB.
The PCB for the AD5821 should have separate analog and digital
power supply sections. Where shared AGND and DGND is
necessary, the connection of grounds should be made at only
one point, as close as possible to the AD5821.
Special attention should be paid to the layout of the AGND return
path and, and it should be tracked between the voice coil motor
and ISINK to minimize any series resistance. Figure 24 shows the
output current sink of the AD5821 and illustrates the importance
of reducing the effective series impedance of AGND and the track
resistance between the motor and ISINK. The voice coil is modeled
as Inductor LC and Resistor RC. The current through the voice coil
is effectively a dc current that results in a voltage drop, VC, when
the AD5821 is sinking current. The effect of any series inductance
is minimal.
AGND
AD5821
Q1
GROUND
RETURN
ISINK
VDROP
RSENSE
R
RG
LG
VCOIL
VBATTERY
RT
RC
LC
TRACE
RESISTANCE
VOICE
COIL
SDA
SCL
XSHUTDOWN
DGND
DGND
VDD
Figure 24. Effect of PCB Trace Resistance and Inductance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com