Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2486IDE Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2486IDE
Description  16-Bit 2-/4-Channel ?誇 ADC with PGA and Easy Drive Input Current Cancellation
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2486IDE Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2486IDE Datasheet HTML 4Page - Linear Technology LTC2486IDE Datasheet HTML 5Page - Linear Technology LTC2486IDE Datasheet HTML 6Page - Linear Technology LTC2486IDE Datasheet HTML 7Page - Linear Technology LTC2486IDE Datasheet HTML 8Page - Linear Technology LTC2486IDE Datasheet HTML 9Page - Linear Technology LTC2486IDE Datasheet HTML 10Page - Linear Technology LTC2486IDE Datasheet HTML 11Page - Linear Technology LTC2486IDE Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
LTC2486
8
2486f
TYPICAL PERFORMANCE CHARACTERISTICS
On-Chip Oscillator Frequency
vs Temperature
On-Chip Oscillator Frequency
vs VCC
PSRR vs Frequency at VCC
PSRR vs Frequency at VCC
PSRR vs Frequency at VCC
Conversion Current
vs Temperature
Sleep Mode Current
vs Temperature
Conversion Current
vs Output Data Rate
TEMPERATURE (
°C)
–45 –30
300
304
310
–15
30
45
2486 G19
302
308
306
15
0
60
75
90
VCC = 4.1V
VREF = 2.5V
VIN = 0V
VIN(CM) = GND
FO = GND
VCC (V)
2.5
300
302
304
306
308
310
3.0
3.5
4.0
4.5
2486 G20
5.0
5.5
VREF = 2.5V
VIN = 0V
VIN(CM) = GND
FO = GND
TA = 25°C
FREQUENCY AT VCC (Hz)
1
0
–20
–40
–60
–80
–100
–120
–140
1k
100k
2486 G21
10
100
10k
1M
VCC = 4.1V DC
VREF = 2.5V
IN+ = GND
IN– = GND
FO = GND
TA = 25°C
FREQUENCY AT VCC (Hz)
0
–140
–120
–80
–60
–40
0
20
100
140
2486 G22
–100
–20
80
180
220
200
40 60
120
160
VCC = 4.1V DC ±1.4V
VREF = 2.5V
IN+ = GND
IN– = GND
FO = GND
TA = 25°C
FREQUENCY AT VCC (Hz)
30600
–60
–40
0
30750
2486 G23
–80
–100
30650
30700
30800
–120
–140
–20
VCC = 4.1V DC ±0.7V
VREF = 2.5V
IN+ = GND
IN– = GND
FO = GND
TA = 25°C
TEMPERATURE (
°C)
–45
100
120
160
180
200
–15
15
30
90
2486 G24
140
–30
0
45
60
75
VCC = 5V
VCC = 2.7V
FO = GND
CS = GND
SCK = NC
SDO = NC
SDI = GND
TEMPERATURE (
°C)
–45
0
0.2
0.6
0.8
1.0
2.0
1.4
–15
15
30
90
2486 G25
0.4
1.6
1.8
1.2
–30
0
45
60
75
VCC = 5V
VCC = 2.7V
FO = GND
CS = VCC
SCK = NC
SDO = NC
SDI = GND
OUTPUT DATA RATE (READINGS/SEC)
0
500
450
400
350
300
250
200
150
100
80
2486 G26
20
40
60
100
70
10
30
50
90
VCC = 5V
VCC = 3V
VREF = VCC
IN+ = GND
IN– = GND
SCK = NC
SDO = NC
SDI = GND
CS GND
FO = EXT OSC
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com