Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2486IDE Datasheet(PDF) 30 Page - Linear Technology

Part # LTC2486IDE
Description  16-Bit 2-/4-Channel ?誇 ADC with PGA and Easy Drive Input Current Cancellation
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2486IDE Datasheet(HTML) 30 Page - Linear Technology

Back Button LTC2486IDE Datasheet HTML 26Page - Linear Technology LTC2486IDE Datasheet HTML 27Page - Linear Technology LTC2486IDE Datasheet HTML 28Page - Linear Technology LTC2486IDE Datasheet HTML 29Page - Linear Technology LTC2486IDE Datasheet HTML 30Page - Linear Technology LTC2486IDE Datasheet HTML 31Page - Linear Technology LTC2486IDE Datasheet HTML 32Page - Linear Technology LTC2486IDE Datasheet HTML 33Page - Linear Technology LTC2486IDE Datasheet HTML 34Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
LTC2486
30
2486f
APPLICATIONS INFORMATION
A 1V difference in between common mode input and com-
mon mode reference results in a 6.7ppm INL error for every
100
Ω of reference resistance.
In addition to the reference sampling charge, the reference
ESD protection diodes have a temperature dependent leak-
age current. This leakage current, nominally 1nA (±10nA
max) results in a small gain error. A 100
Ω reference
resistance will create a 0.5µV full scale error.
Normal Mode Rejection and Anti-aliasing
One of the advantages delta-sigma ADCs offer over
conventional ADCs is on-chip digital filtering. Combined
with a large oversample ratio, the LTC2486 significantly
simplifies anti-aliasing filter requirements. Additionally,
the input current cancellation feature allows external low
pass filtering without degrading the DC performance of
the device.
The SINC4 digital filter provides excellent normal mode
rejection at all frequencies except DC and integer multiples
of the modulator sampling frequency (fS) (see Figures
18 and 19). The modulator sampling frequency is fS =
15,360Hz while operating with its internal oscillator and
fS = FEOSC/20 when operating with an external oscillator
of frequency FEOSC.
When using the internal oscillator, the LTC2486 is designed
to reject line frequencies. As shown in Figure 20, rejec-
tion nulls occur at multiples of frequency fN, where fN is
determined by the input control bits FA and FB (fN = 50Hz
or 60Hz or 55Hz for simultaneous rejection). Multiples of
the modulator sampling rate (fS = fN • 256) only reject noise
to 15dB (see Figure 21); if noise sources are present at
these frequencies anti-aliasing will reduce their effects.
Figure 18. Input Normal Mode Rejection, Internal Oscillator
and 50Hz Rejection Mode
Figure 19. Input Normal Mode Rejection, Internal Oscillator
and 60Hz Rejection Mode
Figure 20. Input Normal Mode Rejection at DC
Figure 21. Input Normal Mode Rejection at fS = 256 • fN
DIFFERENTIAL INPUT SIGNAL FREQUENCY (Hz)
0fS 2fS 3fS 4fS 5fS 6fS 7fS 8fS 9fS10fS11fS12fS
2486 F18
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
DIFFERENTIAL INPUT SIGNAL FREQUENCY (Hz)
0fS
2486 F19
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
2fS 3fS 4fS 5fS 6fS 7fS 8fS 9fS 10fS
INPUT SIGNAL FREQUENCY (Hz) 2486 F20
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
fN
0
2fN 3fN 4fN 5fN 6fN 7fN 8fN
fN = fEOSC/5120
INPUT SIGNAL FREQUENCY (Hz)
250fN 252fN 254fN 256fN 258fN 260fN 262fN
2486 F21
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com