Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2486IDE Datasheet(PDF) 26 Page - Linear Technology

Part # LTC2486IDE
Description  16-Bit 2-/4-Channel ?誇 ADC with PGA and Easy Drive Input Current Cancellation
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2486IDE Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC2486IDE Datasheet HTML 22Page - Linear Technology LTC2486IDE Datasheet HTML 23Page - Linear Technology LTC2486IDE Datasheet HTML 24Page - Linear Technology LTC2486IDE Datasheet HTML 25Page - Linear Technology LTC2486IDE Datasheet HTML 26Page - Linear Technology LTC2486IDE Datasheet HTML 27Page - Linear Technology LTC2486IDE Datasheet HTML 28Page - Linear Technology LTC2486IDE Datasheet HTML 29Page - Linear Technology LTC2486IDE Datasheet HTML 30Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
LTC2486
26
2486f
APPLICATIONS INFORMATION
Figure 11. Internal Serial Clock, Continuous Operation
The input data is shifted through the SDI pin on the ris-
ing edge of SCK (including the first rising edge) and the
output data is shifted out the SDO pin on the falling edge
of SCK. The data input/output cycle is concluded and a
new conversion automatically begins after the 24th rising
edge of SCK. During the next conversion, SCK and SDO
remain HIGH until the conversion is complete.
The Use of a 10k Pull-Up on SCK for Internal SCK
Selection
If
⎯C⎯S is pulled HIGH while the converter is driving SCK
LOW, the internal pull-up is not available to restore SCK
to a logic HIGH state if SCK is floating. This will cause the
device to exit the internal SCK mode on the next falling
edge of
⎯C⎯S. This can be avoided by adding an external 10k
pull-up resistor to the SCK pin.
Whenever SCK is LOW, the LTC2486’s internal pull-up at
SCK is disabled. Normally, SCK is not externally driven if
the device is operating in the internal SCK timing mode.
However, certain applications may require an external
EOC
CS
SCK
(INTERNAL)
SDI
SDO
2486 F11
CONVERSION
DATA INPUT/OUTPUT
BIT 20 BIT 19 BIT 18 BIT 17 BIT 16 BIT 15 BIT 14 BIT 13
BIT 12 BIT 11
BIT 21
BIT 22
BIT 23
1
0
EN
SGL
A2
A1
A0
EN2
IM
FA
FB
SPD
GS2
GS1
GS0
ODD
BIT 10
BIT 9
BIT 0
23
1
4
5
6
7
8
9
10
11
121314
1516
24
DON'T CARE
DON'T CARE
MSB
SIG
“0”
VCC
FO
SCK
SDI
SDO
CS
GND
REFERENCE
VOLTAGE
0.1V TO VCC
ANALOG
INPUTS
= EXTERNAL OSCILLATOR
= INTERNAL OSCILLATOR
LTC2486
3-WIRE
SPI INTERFACE
OPTIONAL
10k
VCC
REF+
REF–
CH0
CH1
CH2
CH3
COM
12
1
13
14
8
9
10
11
7
3
5
6
4
2
2.7V TO 5.5V
0.1
µF
10
µF
CONVERSION
driver on SCK. If the driver goes Hi-Z after outputting a
LOW signal, the internal pull-up is disabled. An external
10k pull-up resistor prevents the device from exiting the
internal SCK mode under this condition.
A similar situation may occur during the sleep state when
⎯C⎯S is pulsed HIGH-LOW-HIGH in order to test the conver-
sion status. If the device is in the sleep state (
⎯E⎯O⎯C = 0),
SCK will go LOW. If
⎯C⎯S goes HIGH before the time t
EOCtest,
the internal pull-up is activated. If SCK is heavily loaded,
the internal pull-up may not restore SCK to a HIGH state
before the next falling edge of
⎯C⎯S. The external 10k pull-up
resistor prevents the device from exiting the internal SCK
mode under this condition.
PRESERVING THE CONVERTER ACCURACY
The LTC2486 is designed to reduce as much as possible
sensitivity to device decoupling, PCB layout, anti-aliasing
circuits, line frequency perturbations, and temperature
sensitivity. In order to achieve maximum performance a
few simple precautions should be observed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com