Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2486IDE Datasheet(PDF) 25 Page - Linear Technology

Part # LTC2486IDE
Description  16-Bit 2-/4-Channel ?誇 ADC with PGA and Easy Drive Input Current Cancellation
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2486IDE Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC2486IDE Datasheet HTML 21Page - Linear Technology LTC2486IDE Datasheet HTML 22Page - Linear Technology LTC2486IDE Datasheet HTML 23Page - Linear Technology LTC2486IDE Datasheet HTML 24Page - Linear Technology LTC2486IDE Datasheet HTML 25Page - Linear Technology LTC2486IDE Datasheet HTML 26Page - Linear Technology LTC2486IDE Datasheet HTML 27Page - Linear Technology LTC2486IDE Datasheet HTML 28Page - Linear Technology LTC2486IDE Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
LTC2486
25
2486f
APPLICATIONS INFORMATION
remains HIGH for the duration of the conversion cycle.
Once the conversion is complete, the cycle repeats.
Typically,
⎯C⎯S remains LOW during the data output state.
However, the data output state may be aborted by pull-
ing
⎯C⎯S HIGH any time between the 1st rising edge and
the 32nd falling edge of SCK (see Figure 10). On the
rising edge of
⎯C⎯S, the device aborts the data output state
and immediately initiates a new conversion. In order to
program a new input channel, 8 SCK clock pulses are
required. If the data output sequence is aborted prior to
the 8th falling edge of SCK, the new input data is ignored
and the previously selected input channel remains valid.
If the rising edge of
⎯C⎯S occurs after the 8th falling edge of
SCK, the new input channel is loaded and valid for the next
conversion cycle. If
⎯C⎯S goes high between the 8th falling
edge and the 16th falling edge of SCK, the new channel
is still loaded, but the converter configuration remains
unchanged. In order to program both the input channel
and converter configuration,
⎯C⎯S must go high after the
16th falling edge of SCK (at this point all data has been
shifted into the device).
Internal Serial Clock, 3-Wire I/O, Continuous
Conversion.
This timing mode uses a 3-wire interface. The conversion
result is shifted out of the device by an internally generated
serial clock (SCK) signal (see Figure 11). In this case,
⎯C⎯S is
permanently tied to ground, simplifying the user interface
or transmission over an isolation barrier.
The internal serial clock mode is selected at the end of the
power-on reset (POR) cycle. The POR cycle is concluded
approximately 4ms after VCC exceeds 2V. An internal weak
pull-up is active during the POR cycle; therefore, the internal
serial clock timing mode is automatically selected if SCK
is floating or driven HIGH.
During the conversion, the SCK and the serial data output
pin (SDO) are HIGH (
⎯E⎯O⎯C = 1). Once the conversion is
complete, SCK and SDO go LOW (
⎯E⎯O⎯C = 0) indicating
the conversion has finished and the device has entered
the sleep state. The device remains in the sleep state a
minimum amount of time (1/2 the internal SCK period)
then immediately begins outputting and inputting data.
Figure 10. Internal Serial Clock, Reduced Data Output Length with Valid Channel and Configuration Selection
Hi-Z
2486 F10
CS
SCK
(INTERNAL)
SDI
SDO
CONVERSION
SLEEP
DATA INPUT/OUTPUT
VCC
FO
SCK
SDI
GND
REFERENCE
VOLTAGE
0.1V TO VCC
ANALOG
INPUTS
= EXTERNAL OSCILLATOR
= INTERNAL OSCILLATOR
LTC2486
4-WIRE
SPI INTERFACE
EOC
BIT 20 BIT 19 BIT 18 BIT 17 BIT 16 BIT 15 BIT 14 BIT 13
BIT 12 BIT 11
BIT 21
BIT 22
BIT 23
BIT 10
BIT 9
BIT 8
BIT 7
1
2
3
4
5
6
7
8
9
10
1112
13
1415
16
1
0
EN
SGL
A2
A1
A0
EN2
IM
FA
FB
SPD
GS2
GS1
GS0
ODD
DON'T CARE
DON'T CARE
MSB
SIG
“0”
OPTIONAL
10k
VCC
<tEOCTEST
REF+
REF–
CH0
CH1
CH2
CH3
COM
12
1
13
14
8
9
10
11
7
3
4
6
5
2
2.7V TO 5.5V
0.1
µF
10
µF
CS
SDO
CONVERSION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com