Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2486IDE Datasheet(PDF) 36 Page - Linear Technology

Part # LTC2486IDE
Description  16-Bit 2-/4-Channel ?誇 ADC with PGA and Easy Drive Input Current Cancellation
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2486IDE Datasheet(HTML) 36 Page - Linear Technology

Back Button LTC2486IDE Datasheet HTML 28Page - Linear Technology LTC2486IDE Datasheet HTML 29Page - Linear Technology LTC2486IDE Datasheet HTML 30Page - Linear Technology LTC2486IDE Datasheet HTML 31Page - Linear Technology LTC2486IDE Datasheet HTML 32Page - Linear Technology LTC2486IDE Datasheet HTML 33Page - Linear Technology LTC2486IDE Datasheet HTML 34Page - Linear Technology LTC2486IDE Datasheet HTML 35Page - Linear Technology LTC2486IDE Datasheet HTML 36Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 36 / 36 page
background image
LTC2486
36
2486f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2007
LT 0107 • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1236A-5
Precision Bandgap Reference, 5V
0.05% Max Initial Accuracy, 5ppm/°C Drift
LT1460
Micropower Series Reference
0.075% Max Initial Accuracy, 10ppm/°C Max Drift
LT1790
Micropower SOT-23 Low Dropout Reference Family
0.05% Max Initial Accuracy, 10ppm/°C Max Drift
LTC2400
24-Bit, No Latency
ΔΣ ADC in SO-8
0.3ppm Noise, 4ppm INL, 10ppm Total Unadjusted Error, 200µA
LTC2410
24-Bit, No Latency
ΔΣ ADC with Differential Inputs
0.8µVRMS Noise, 2ppm INL
LTC2413
24-Bit, No Latency
ΔΣ ADC with Differential Inputs
Simultaneous 50Hz/60Hz Rejection, 800nVRMS Noise
LTC2440
High Speed, Low Noise 24-Bit
ΔΣ ADC
3.5kHz Output Rate, 200nV Noise, 24.6 ENOBs
LTC2442
24-Bit, High Speed 2-Channel and 4-Channel
ΔΣ ADC with
Integrated Amplifier
8kHz Output Rate, 220nV Noise, Simultaneous 50Hz/60Hz Rejection
LTC2449
24-Bit, High Speed 8-Channel and 16-Channel
ΔΣ ADC
8kHz Output Rate, 200nV Noise, Simultaneous 50Hz/60Hz Rejection
LTC2480
16-Bit
ΔΣ ADC with Easy Drive Inputs, 600nV Noise,
Programmable Gain, and Temperature Sensor
Pin Compatible with LTC2482/LTC2484
LTC2481
16-Bit
ΔΣ ADC with Easy Drive Inputs, 600nV Noise, I2C
Interface, Programmable Gain, and Temperature Sensor
Pin Compatible with LTC2483/LTC2485
LTC2482
16-Bit
ΔΣ ADC with Easy Drive Inputs
Pin Compatible with LTC2480/LTC2484
LTC2483
16-Bit
ΔΣ ADC with Easy Drive Inputs, and I2C Interface
Pin Compatible with LTC2481/LTC2485
LTC2484
24-Bit
ΔΣ ADC with Easy Drive Inputs
Pin Compatible with LTC2480/LTC2482
LTC2485
24-Bit
ΔΣ ADC with Easy Drive Inputs, I2C Interface, and
Temperature Sensor
Pin Compatible with LTC2481/LTC2483
LTC2488
2-Channel/4-Channel 16-Bit
ΔΣ ADC with Easy Drive Inputs
Pin Compatible with LTC2486/LTC2492
LTC2492
2-Channel/4-Channel 24-Bit
ΔΣ ADC with Easy Drive Inputs
Pin Compatible with LTC2486/LTC2488
LTC2494
8-Channel/16-Channel 16-Bit
ΔΣ ADC with PGA and Easy Drive
Inputs
Pin Compatible with LTC2498/LTC2496
LTC2496/
LTC2498
16-Channel/8-Channel 16-Bit/24-Bit
ΔΣ ADC with Easy Drive
Inputs, and SPI Interface
Timing Compatible with LTC2486
TYPICAL APPLICATION
Figure 38. Easy Drive ADCs Simplify Measurement of High Impedance Sensors
VCC
FO
SCK
SDI
GND
= EXTERNAL OSCILLATOR
= INTERNAL OSCILLATOR
LTC2486
3-WIRE
SPI INTERFACE
2486 F38
SDO
12
1
REF+
13
REF–
14
CH0
8
CH1
9
CH2
10
CH3
11
COM
7
3
5
6
4
2
5V
0.1
µF
10
µF
CS
5V
IIN
+ = 0
IIN
– = 0
R1
51.1k
R4
51.1k
C4
0.1
µF
C3
0.1
µF
R3
10k TO 100k
–
+
102k
5V
5V
LT1494
0.1
µF
0.1
µF
0.1
µF
1k
1k
10k TO 100k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com