Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC549 Datasheet(PDF) 48 Page - Texas Instruments

Part # TMS320VC549
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC549 Datasheet(HTML) 48 Page - Texas Instruments

Back Button TMS320VC549 Datasheet HTML 44Page - Texas Instruments TMS320VC549 Datasheet HTML 45Page - Texas Instruments TMS320VC549 Datasheet HTML 46Page - Texas Instruments TMS320VC549 Datasheet HTML 47Page - Texas Instruments TMS320VC549 Datasheet HTML 48Page - Texas Instruments TMS320VC549 Datasheet HTML 49Page - Texas Instruments TMS320VC549 Datasheet HTML 50Page - Texas Instruments TMS320VC549 Datasheet HTML 51Page - Texas Instruments TMS320VC549 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 63 page
background image
TMS320VC549
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS078G − SEPTEMBER 1998 − REVISED OCTOBER 2004
48
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
buffered serial port transmit timing of internal frame and internal clock
switching characteristics over recommended operating conditions [H = 0.5tc(CO)] (see Figure 26)
PARAMETER
549-80
549-100
549-120
UNIT
MIN
MAX
tc(SCK)
Cycle time, serial port clock, internal clock
20
62H
ns
td(BFSX)
Delay time, BFSX after BCLKX rising edge
(see Notes 3 and 4)
7
ns
td(BDX)
Delay time, BDX valid after BCLKX rising edge
7
ns
tdis(BDX)
Disable time, BDX after BCLKX rising edge
0
5
ns
tdis(BDX)pcm
Disable time, PCM mode, BDX after BCLKX rising edge
5
ns
ten(BDX)pcm
Enable time, PCM mode, BDX after BCLKX rising edge
7
ns
th(BDX)
Hold time, BDX valid after BCLKX rising edge
0
ns
tf(SCK)
Fall time, serial port clock
3.5
ns
tr(SCK)
Rise time, serial port clock
3.5
ns
tw(SCK)
Pulse duration, serial port clock low/high
6
ns
NOTES:
3. Internal clock with external BFSX and vice versa are also allowable. However, BFSX timings to BCLKX always are defined
depending on the source of BFSX, and BCLKX timings always are dependent upon the source of BCLKX.
4. Timings for BCLKX and BFSX are given with polarity bits (BCLKP and BFSP) set to 0.
8/10/12/16
2
1
BDX
BFSX
BCLKX
tc(SCK)
td(BFSX)
td(BFSX)
tdis(BDX)
tw(SCK)
th(BDX)
td(BDX)
tw(SCK)
tr(SCK)
tf(SCK)
Figure 26. Buffered Serial Port Transmit Timing of Internal Clocks and Internal Frames



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com