Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC549 Datasheet(PDF) 14 Page - Texas Instruments

Part # TMS320VC549
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC549 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMS320VC549 Datasheet HTML 10Page - Texas Instruments TMS320VC549 Datasheet HTML 11Page - Texas Instruments TMS320VC549 Datasheet HTML 12Page - Texas Instruments TMS320VC549 Datasheet HTML 13Page - Texas Instruments TMS320VC549 Datasheet HTML 14Page - Texas Instruments TMS320VC549 Datasheet HTML 15Page - Texas Instruments TMS320VC549 Datasheet HTML 16Page - Texas Instruments TMS320VC549 Datasheet HTML 17Page - Texas Instruments TMS320VC549 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 63 page
background image
TMS320VC549
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS078G − SEPTEMBER 1998 − REVISED OCTOBER 2004
14
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
PARAMETER MEASUREMENT INFORMATION
timing parameter symbology
Timing parameter symbols used are created in accordance with JEDEC Standard 100-A. To shorten the
symbols, some of the pin names and other related terminology have been abbreviated as follows:
Lowercase subscripts and their meanings:
Letters and symbols and their meanings:
a
access time
H
High
c
cycle time (period)
L
Low
d
delay time
V
Valid
dis
disable time
Z
High impedance
en
enable time
f
fall time
h
hold time
r
rise time
su
setup time
t
transition time
v
valid time
w
pulse duration (width)
X
Unknown, changing, or don’t care level
signal transition reference points
All timing references are made at a voltage of 1.5 volts, except rise and fall times which are referenced at the
10% and 90% points of the specified low and high logic levels, respectively.
Tester Pin
Electronics
VLoad
IOL
CT
IOH
Output
Under
Test
50
Ω
Where: IOL
= 1.5 mA (all outputs)
IOH
= 300
µA (all outputs)
VLoad = 1.5 V
CT
= 40 pF typical load circuit capacitance.
Figure 1. 3.3-V Test Load Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com