Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC549 Datasheet(PDF) 49 Page - Texas Instruments

Part # TMS320VC549
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC549 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TMS320VC549 Datasheet HTML 45Page - Texas Instruments TMS320VC549 Datasheet HTML 46Page - Texas Instruments TMS320VC549 Datasheet HTML 47Page - Texas Instruments TMS320VC549 Datasheet HTML 48Page - Texas Instruments TMS320VC549 Datasheet HTML 49Page - Texas Instruments TMS320VC549 Datasheet HTML 50Page - Texas Instruments TMS320VC549 Datasheet HTML 51Page - Texas Instruments TMS320VC549 Datasheet HTML 52Page - Texas Instruments TMS320VC549 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 63 page
background image
TMS320VC549
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS078G − SEPTEMBER 1998 − REVISED OCTOBER 2004
49
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
serial-port receive timing in TDM mode
timing requirements over recommended ranges of supply voltage and operating free-air
temperature [H = 0.5tc(CO)] (see Figure 27)
549-80
549-100
549-120
UNIT
MIN
MAX
tc(SCK)
Cycle time, serial-port clock
16H
†
ns
tf(SCK)
Fall time, serial-port clock
6
ns
tr(SCK)
Rise time, serial-port clock
6
ns
tw(SCK)
Pulse duration, serial-port clock low/high
8H
ns
tsu(TD-TCH)
Setup time, TDAT/TADD before TCLK rising edge
10
ns
th(TCH-TD)
Hold time, TDAT/TADD after TCLK rising edge
1
ns
tsu(TF-TCH)
Setup time, TFRM before TCLK rising edge‡
10
ns
th(TCH-TF)
Hold time, TFRM after TCLK rising edge‡
10
ns
† The serial-port design is fully static and, therefore, can operate with tc(SCK) approaching infinity. It is characterized approaching an input frequency
of 0 Hz but tested at a much higher frequency to minimize test time.
‡ TFRM timing and waveforms shown in Figure 27 are for external TFRM. TFRM can also be configured as internal. The TFRM internal case is
illustrated in the transmit timing diagram in Figure 28.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com