Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC549 Datasheet(PDF) 11 Page - Texas Instruments

Part # TMS320VC549
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC549 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMS320VC549 Datasheet HTML 7Page - Texas Instruments TMS320VC549 Datasheet HTML 8Page - Texas Instruments TMS320VC549 Datasheet HTML 9Page - Texas Instruments TMS320VC549 Datasheet HTML 10Page - Texas Instruments TMS320VC549 Datasheet HTML 11Page - Texas Instruments TMS320VC549 Datasheet HTML 12Page - Texas Instruments TMS320VC549 Datasheet HTML 13Page - Texas Instruments TMS320VC549 Datasheet HTML 14Page - Texas Instruments TMS320VC549 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 63 page
background image
TMS320VC549
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS078G − SEPTEMBER 1998 − REVISED OCTOBER 2004
11
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
Signal Descriptions (Continued)
TERMINAL
DESCRIPTION
NAME
DESCRIPTION
TYPE†
IEEE1149.1 TEST PINS
TCK
I
IEEE standard 1149.1 test clock. Pin with internal pullup device. This is normally a free-running clock signal with
a 50% duty cycle. The changes on the test-access port (TAP) of input signals TMS and TDI are clocked into the
TAP controller, instruction register, or selected test data register on the rising edge of TCK. Changes at the TAP
output signal (TDO) occur on the falling edge of TCK.
TDI
I
IEEE standard 1149.1 test data input. Pin with internal pullup device. TDI is clocked into the selected register
(instruction or data) on a rising edge of TCK.
TDO
O/Z
IEEE standard 1149.1 test data output. The contents of the selected register (instruction or data) is shifted out
of TDO on the falling edge of TCK. TDO is in the high-impedance state except when the scanning of data is in
progress. TDO also goes into the high-impedance state when EMU1/OFF is low.
TMS
I
IEEE standard 1149.1 test mode select. Pin with internal pullup device. This serial control input is clocked into
the TAP controller on the rising edge of TCK.
TRST
I
IEEE standard 1149.1 test reset. TRST, when high, gives the IEEE standard 1149.1 scan system control of the
operations of the device. If TRST is not connected or driven low, the device operates in its functional mode, and
the IEEE standard 1149.1 signals are ignored. Pin with internal pulldown device.
EMU0
I/O/Z
Emulator interrupt 0 pin. When TRST is driven low, EMU0 must be high for the activation of the EMU1/OFF
condition. When TRST is driven high, EMU0 is used as an interrupt to or from the emulator system and is defined
as input/output by way of IEEE standard 1149.1 scan system. This pin should be pulled high with a separate
4.7-k
Ω resistor.
EMU1/OFF
I/O/Z
Emulator interrupt 1 pin/disable all outputs. When TRST is driven high, EMU1/OFF is used as an interrupt to or
from the emulator system and is defined as input/output by way of IEEE standard 1149.1 scan system. When
TRST is driven low, EMU1/OFF is configured as OFF. The EMU1/OFF signal, when active low, puts all output
drivers into the high-impedance state. This pin should be pulled high with a separate 4.7-k
Ω resistor. Note that
OFF is used exclusively for testing and emulation purposes (not for multiprocessing applications). Therefore, for
the OFF condition, the following conditions apply:
TRST = low,
EMU0 = high
EMU1/OFF = low
DEVICE TEST PIN
TEST1
I
Test1 − Reserved for internal use only. This pin must not be connected (NC).
† I = Input, O = Output, Z = High impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com