Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC549 Datasheet(PDF) 10 Page - Texas Instruments

Part # TMS320VC549
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC549 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMS320VC549 Datasheet HTML 6Page - Texas Instruments TMS320VC549 Datasheet HTML 7Page - Texas Instruments TMS320VC549 Datasheet HTML 8Page - Texas Instruments TMS320VC549 Datasheet HTML 9Page - Texas Instruments TMS320VC549 Datasheet HTML 10Page - Texas Instruments TMS320VC549 Datasheet HTML 11Page - Texas Instruments TMS320VC549 Datasheet HTML 12Page - Texas Instruments TMS320VC549 Datasheet HTML 13Page - Texas Instruments TMS320VC549 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 63 page
background image
TMS320VC549
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS078G − SEPTEMBER 1998 − REVISED OCTOBER 2004
10
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
Signal Descriptions (Continued)
TERMINAL
DESCRIPTION
NAME
DESCRIPTION
TYPE†
SERIAL PORT 0 AND SERIAL PORT 1 SIGNALS (CONTINUED)
DX0
DX1
O/Z
Serial port transmit output. Serial data is transmitted from the XSR via DX. DX0 and DX1 are placed in the
high-impedance state when not transmitting and when EMU1/OFF is low.
FSR0
FSR1
I
Frame synchronization pulse for receive input. The falling edge of the FSR pulse initiates the data-receive
process, beginning the clocking of the RSR.
FSX0
FSX1
I/O/Z
Frame synchronization pulse for transmit input/output. The falling edge of the FSX pulse initiates the data transmit
process, beginning the clocking of the XSR. Following reset, the default operating condition of FSX is an input.
FSX0 and FSX1 can be selected by software to be an output when TXM in the serial control register is set to 1.
This pin goes into the high-impedance state when EMU1/OFF is low.
TDM SERIAL PORT SIGNALS
TCLKR
I
TDM receive clock input
TDR
I
TDM serial data-receive input
TFSR/TADD
I/O
TDM receive frame synchronization or TDM address
TCLKX
I/O/Z
TDM transmit clock
TDX
O/Z
TDM serial data-transmit output
TFSX/TFRM
I/O/Z
TDM transmit frame synchronization
HOST PORT INTERFACE SIGNALS
HD0−HD7
I/O/Z
Parallel bidirectional data bus. HD0−HD7 are placed in the high-impedance state when not outputting data. The
signals go into the high-impedance state when EMU1/OFF is low. These pins each have bus holders similar to
those on the address/data bus, but which are always enabled.
HCNTL0
HCNTL1
I
Control inputs
HBIL
I
Byte-identification input
HCS
I
Chip-select input
HDS1
HDS2
I
Data strobe inputs
HAS
I
Address strobe input
HR/W
I
Read/write input
HRDY
O/Z
Ready output. This signal goes into the high-impedance state when EMU1/OFF is low.
HINT
O/Z
Interrupt output. When the DSP is in reset, this signal is driven high
. The signal goes into the high-impedance
state when EMU1/OFF is low.
HPIENA
I
HPI module select input. This signal must be tied to a logic 1 state to have HPI selected. If this input is left open
or connected to ground, the HPI module will not be selected, internal pullup for the HPI input pins are enabled,
and the HPI data bus has keepers set. This input is provided with an internal pull-down resistor which is active
only when RS is low. HPIENA is sampled when RS goes high and ignored until RS goes low again. Refer to the
Electrical Characteristics section for the input current requirements for this pin.
SUPPLY PINS
CVDD
Supply
+VDD. CVDD is the dedicated power supply for the core CPU.
DVDD
Supply
+VDD. DVDD is the dedicated power supply for I/O pins.
VSS
Supply
Ground. VSS is the dedicated power ground for the device.
† I = Input, O = Output, Z = High impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com