Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9560A1 Datasheet(PDF) 21 Page - Micro Analog systems

Part # MAS9560A1
Description  Stereo Audio Driver DAC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9560A1 Datasheet(HTML) 21 Page - Micro Analog systems

Back Button MAS9560A1 Datasheet HTML 17Page - Micro Analog systems MAS9560A1 Datasheet HTML 18Page - Micro Analog systems MAS9560A1 Datasheet HTML 19Page - Micro Analog systems MAS9560A1 Datasheet HTML 20Page - Micro Analog systems MAS9560A1 Datasheet HTML 21Page - Micro Analog systems MAS9560A1 Datasheet HTML 22Page - Micro Analog systems MAS9560A1 Datasheet HTML 23Page - Micro Analog systems MAS9560A1 Datasheet HTML 24Page - Micro Analog systems MAS9560A1 Datasheet HTML 25Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
21 (25)
DA9560.001
20 January, 2005
Right Headphone
Volume Register
0x05
R/W
0
-
0x05[7:5]
-
-
Unused
RHV[4:0] Right Headphone volume gain
RHV
0x05[4:0]
R/W
00000
00000
00001
...
11001...11111
Mute
-30 dB
in steps of 1.5 dB
6 dB
Earpiece
Volume Register
0x06
R/W
0
-
0x06[7:5]
-
-
Unused
EV[4:0] Earpiece volume gain
EV
0x06[4:0]
R/W
00000
00000
00001
...
11001...11111
Mute
-30 dB
in steps of 1.5 dB
6 dB
Loudspeaker
Volume Register
0x07
R/W
0
-
0x07[7:5]
-
-
Unused
LV[4:0] Loudspeaker volume gain
LV
0x07[4:0]
R/W
00000
00000
00001
...
11101...11111
Mute
-30 dB
in steps of 1.5 dB
12 dB
Left AUX Gain Register
0x08
R/W
0
-
0x08[7:5]
-
-
Unused
ALV[4:0] Left AUX pre-amplifier gain
ALV
0x08[4:0]
R/W
00000
00000
00001
...
10101...11111
Mute
-20 dB
in steps of 2 dB
20 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com