Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9560A1 Datasheet(PDF) 8 Page - Micro Analog systems

Part # MAS9560A1
Description  Stereo Audio Driver DAC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9560A1 Datasheet(HTML) 8 Page - Micro Analog systems

Back Button MAS9560A1 Datasheet HTML 4Page - Micro Analog systems MAS9560A1 Datasheet HTML 5Page - Micro Analog systems MAS9560A1 Datasheet HTML 6Page - Micro Analog systems MAS9560A1 Datasheet HTML 7Page - Micro Analog systems MAS9560A1 Datasheet HTML 8Page - Micro Analog systems MAS9560A1 Datasheet HTML 9Page - Micro Analog systems MAS9560A1 Datasheet HTML 10Page - Micro Analog systems MAS9560A1 Datasheet HTML 11Page - Micro Analog systems MAS9560A1 Datasheet HTML 12Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
8 (25)
DA9560.001
20 January, 2005
ELECTRICAL CHARACTERISTICS IN LDO MODE
◆ Integrated LDO Characteristics
LSVDD = VBAT = 3.6V, EPVDD = HPVDD = VLDO = 2.86V (LDO-mode), -40
°C ≤ TA ≤ +85°C, , typical values at TA = +27°C,
IOUT = 1.0 mA, CIN_LDO = 1.0 µF, CL_LDO = 1.0 µF, CBP_LDO = 10 nF, unless otherwise noted
Parameter
Pin
Name
Conditions
Min
Nom
Max
Unit
Operational Mode
2.75
2.86
2.95
Standby Mode, LDO not
bypassed
2.86
Standby Mode, LDO bypassed
VBAT
Zero Power Mode, LDO not
bypassed
0
Output Voltage
VLDO
Zero Power Mode, LDO bypassed
VBAT
V
Dropout Voltage
VLDO
IOUT = 1 mA
IOUT = 50 mA
IOUT = 150 mA
1.7
70
200
mV
Continuous Output
Current
VLDO
0
150
mA
Short Circuit Current
VLDO
RL = 0 Ω
200
450
675
mA
Peak Output Current
VLDO
VOUT > 95%* VOUT(NOM)
410
mA
Line Regulation
VLDO
3.6 V < VBAT < 5.3 V,
IOUT = 60 mA
0.7
mV
Load Regulation
VLDO
IOUT = 1 mA to 50 mA
IOUT = 1 mA to 150 mA
5
10
mV
Output Noise Voltage
VLDO
300 Hz < f < 50 kHz
CBP_LDO = 10 nF
w/o CBP_LDO
20
110
µVrms
Noise Density
VLDO
IOUT = 50 mA,
f = 1 kHz
100
Hz
nV
PSRR
VLDO
f = 1 kHz
f = 10 kHz
f = 100 kHz
67
65
48
dB
Rise Time (10%… 90%)
VLDO
IOUT = 30mA
CBP_LDO = 10 nF
w/o CBP_LDO
4
16
ms
µs
Overshoot
VLDO
w/o CBP_LDO
3
10
%
Start-up Delay
(From the time LDO is
enabled via register until
VLDO is 90% of the
nominal VOUT)
VLDO
w/o CBP_LDO
17
µs
Thermal Protection/
Threshold High
145
160
175
°C
Thermal Protection/
Threshold Low
135
150
165
°C
The hysteresis of 10°C prevents the device from turning on too soon after thermal shut-down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com