Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9560A1 Datasheet(PDF) 13 Page - Micro Analog systems

Part # MAS9560A1
Description  Stereo Audio Driver DAC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9560A1 Datasheet(HTML) 13 Page - Micro Analog systems

Back Button MAS9560A1 Datasheet HTML 9Page - Micro Analog systems MAS9560A1 Datasheet HTML 10Page - Micro Analog systems MAS9560A1 Datasheet HTML 11Page - Micro Analog systems MAS9560A1 Datasheet HTML 12Page - Micro Analog systems MAS9560A1 Datasheet HTML 13Page - Micro Analog systems MAS9560A1 Datasheet HTML 14Page - Micro Analog systems MAS9560A1 Datasheet HTML 15Page - Micro Analog systems MAS9560A1 Datasheet HTML 16Page - Micro Analog systems MAS9560A1 Datasheet HTML 17Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
13 (25)
DA9560.001
20 January, 2005
ELECTRICAL CHARACTERISTICS IN NON-LDO MODE
◆ Analog Audio Inputs (AIN, AUXL, AUXR) in non-LDO mode
LSVDD = VBAT = EPVDD = HPVDD = VLDO = 2.7 V...5.5 V (non-LDO-mode), -40
°C ≤ TA ≤ +85°C,
typical values at TA = +27°C, unless otherwise noted
Parameter
Pin Name
Conditions
Min
Nom
Max
Unit
Full Scale Input Level
AIN, AUXL, AUXR Volumes = 0 dB
0.715 x
VLDO
VLDO
Vpp
Input Clipping Level
AIN, AUXL, AUXR
VLDO
V
Gain = -20 dB
23
Gain = 0 dB
14
Input Resistance
AIN, AUXL, AUXR
Gain = +20 dB
3
k
Ω
Gain Setting Range
AIN, AUXL, AUXR
-20
20
dB
Gain Step Size
AIN, AUXL, AUXR
1.5
2
2.5
dB
Absolute Gain Error
AIN, AUXL, AUXR
-1.2
0
1.2
dB
◆ Analog Audio Outputs (Headphone, Earpiece, Loudspeaker) in non-LDO mode
LSVDD = VBAT = EPVDD = HPVDD = VLDO = 2.7 V...5.5 V (non-LDO-mode), -40
°C ≤ TA ≤ +85°C,
typical values at TA = +27°C, unless otherwise noted
Parameter
Pin
Name
Conditions
Min
Nom
Max
Unit
Headphone Output
Power
HPL,
HPR,
HPCM
HPVDD = 5.5 V, THD < 0.1%,
f = 1 kHz, RL = 32 Ω
80
mW
Earpiece Output
Power
EPP,
EPN
EPVDD = 5.5 V, THD < 0.2%,
f = 1 kHz, RL = 32 Ω
300
mW
Loudspeaker Output
Power
LSP,
LSN
LSVDD = 5.5 V, THD < 1%,
f = 1 kHz, RL = 8 Ω
1100
mW
Headphone and
Earpiece Output
Signal Reference
Level
EPP,
EPN,
HPL,
HPR,
HPCM
SREF settled
VLDO/2
V
Loudspeaker Output
Signal Reference
Level
LSP,
LSN
SREF settled
VBAT/2
V
◆ Dynamic Performance in non-LDO mode
LSVDD = VBAT = EPVDD = HPVDD = VLDO = 3.6 V (non-LDO-mode), -40
°C ≤ TA ≤ +85°C, typical values at TA = +27°C, unless otherwise
noted
Parameter
Pin
Name
Conditions
Min
Nom
Max
Unit
Headphone
Full Scale Output Level
HPL,
HPR
No load, Volumes = 0 dB
HPV
DD
Vpp
Earpiece
Full Scale Output Level
EPP,
EPN
No load, Volumes = 0 dB
EPV
DD
Vpp
Loudspeaker
Full Scale Output Level
LSP,
LSN
No load, Volumes = 0 dB
LSV
DD
Vpp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com