Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9560A1 Datasheet(PDF) 9 Page - Micro Analog systems

Part # MAS9560A1
Description  Stereo Audio Driver DAC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9560A1 Datasheet(HTML) 9 Page - Micro Analog systems

Back Button MAS9560A1 Datasheet HTML 5Page - Micro Analog systems MAS9560A1 Datasheet HTML 6Page - Micro Analog systems MAS9560A1 Datasheet HTML 7Page - Micro Analog systems MAS9560A1 Datasheet HTML 8Page - Micro Analog systems MAS9560A1 Datasheet HTML 9Page - Micro Analog systems MAS9560A1 Datasheet HTML 10Page - Micro Analog systems MAS9560A1 Datasheet HTML 11Page - Micro Analog systems MAS9560A1 Datasheet HTML 12Page - Micro Analog systems MAS9560A1 Datasheet HTML 13Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
9 (25)
DA9560.001
20 January, 2005
◆ Analog Audio Inputs (AIN, AUXL, AUXR) in LDO mode
LSVDD = VBAT = 3.6V, EPVDD = HPVDD = VLDO = 2.86 V (LDO-mode), -40
°C ≤ TA ≤ +85°C, typical
values at TA = +27°C, unless otherwise noted
Parameter
Pin Name
Min
Nom
Max
Unit
Input Range
AIN, AUXL, AUXR
2.05
VPP
Input Clipping Level
AIN, AUXL, AUXR
VLDO
V
Gain = -20 dB
23
Gain = 0 dB
14
Input Resistance
AIN, AUXL,
AUXR
Gain = +20 dB
3
k
Ω
Gain Setting Range
AIN, AUXL, AUXR
-20
20
dB
Gain Step Size
AIN, AUXL, AUXR
1.5
2
2.5
dB
Absolute Gain Error
AIN, AUXL, AUXR
-1.2
0
1.2
dB
◆ Analog Audio Outputs (Headphone, Earpiece, Loudspeaker) in LDO mode
LSVDD = VBAT = 3.6V, EPVDD = HPVDD = VLDO = 2.86 V (LDO-mode), -40
°C ≤ TA ≤ +85°C, typical
values at TA = +27°C, unless otherwise noted
Parameter
Pin Name Conditions
Min
Nom
Max
Unit
Volume Range
(Headphone and
Earpiece)
HPL,HPR
,EPP,EP
N
-30
6
dB
Volume Range
(Loudspeaker)
LSP,LSN
-30
12
dB
Volume Control Step
Size
HPL,HPR
,EPP,EP
N,LSP,LS
N
1.0
1.5
2.0
dB
Headphone Output
Power
HPL,
HPR,
(HPCM)
THD < 0.1%, f = 1 kHz, RL = 32 Ω
25
(25)
mW
Earpiece Output Power
EPP,
EPN
THD < 0.2%, f = 1 kHz, RL = 32 Ω
100
mW
Loudspeaker Output
Power
LSP, LSN
THD < 1%, f = 1 kHz, RL = 8 Ω
410
mW
Headphone Short
Circuit Current
HPL,
HPR,
HPCM,
VLDO,
AVSS
250
350
450
mA
Earpiece Short Circuit
Current
EPP,
EPN,
VLDO,
AVSS
250
350
450
mA
Loudspeaker Short
Circuit Current
LSP, LSN
800
1000
mA
Headphone and
Earpiece Output Signal
Reference Level
HPL,
HPR,
HPCM,
EPP,
EPN
SREF settled
VLDO/2
V
Loudspeaker Output
Signal Reference Level
LSP, LSN
SREF settled
LSVDD/
2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com