Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9560A1 Datasheet(PDF) 3 Page - Micro Analog systems

Part # MAS9560A1
Description  Stereo Audio Driver DAC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9560A1 Datasheet(HTML) 3 Page - Micro Analog systems

  MAS9560A1 Datasheet HTML 1Page - Micro Analog systems MAS9560A1 Datasheet HTML 2Page - Micro Analog systems MAS9560A1 Datasheet HTML 3Page - Micro Analog systems MAS9560A1 Datasheet HTML 4Page - Micro Analog systems MAS9560A1 Datasheet HTML 5Page - Micro Analog systems MAS9560A1 Datasheet HTML 6Page - Micro Analog systems MAS9560A1 Datasheet HTML 7Page - Micro Analog systems MAS9560A1 Datasheet HTML 8Page - Micro Analog systems MAS9560A1 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
3 (25)
DA9560.001
20 January, 2005
DETAILED BLOCK DESCRIPTION
◆ DAC
MAS9560 contains two digital-to-analog converters
(DACs), which values are set through I
2S bus (see
I
2S section for further description). The sampling
rate of DACs is defined by WSI or CLI. In over
sampling mode the sampling frequency is the
frequency of CLI pin divided by four (fCLI/4). WSI is
used as a sampling clock in default mode.
◆ Audio Drivers
MAS9560 contains three audio drivers, all of which
can be used simultaneously or separately. One
driver is for loudspeaker, one for earpiece and one
for headphone. The two latter ones have analog
volume control from –30 dB gain to +6 dB gain in
1.5 dB steps, whereas the control range for
loudspeaker driver is from –30 dB to +12 dB in 1.5
dB steps (see Control Register section p.18) The
main features of each driver is as follows:
Loudspeaker Driver: mono, differential output,
output power: 410 mW @ VDD = 2.7 V, 1100
mW @ VDD = 5.0 V
Earpiece Driver: mono, differential output,
output power: 100 mW @ VDD = 2.7 V, 300 mW
@ VDD = 5.0 V
Headphone Driver: stereo, single-ended output,
output power: 25 mW @ VDD = 2.7 V, 80 mW
@ VDD = 5.0 V
All the drivers are short-circuit protected.
◆ Digital Audio Interface
Inter-IC Sound (I
2S) bus is a 3-wire serial interface
for transmission of 2-channel (stereo) Pulse Code
Modulation digital data between MAS9560 and
external digital audio source, for example MP3
player.
◆ LDO Voltage Regulator
MAS9560 has integrated low dropout voltage
regulator, which output voltage is fixed 2.86 V. In
power supply noisy environments the usage of this
LDO in powering headphone and earpiece drivers
improves the PSRR of these drivers to 100 dB and
over. 10 nF bypass capacitor can be connected to
CBP pin further improving the performance. In case
LDO is not used (non-LDO mode) its output pin
(VLDO) must be connected to external voltage
source since it is supplying power for analog front-
end.
The integrated LDO can also be disabled by using
Mode-Control-Register.
◆ Reference Block
The reference block, which provides reference level
for analog audio signals, has two modes:
LDO mode: Audio reference level = VLDO/2.
(SREF pin). This is half of integrated voltage
regulator's output voltage.
Non-LDO mode: Audio reference level =
VLDO/2. VLDO should be connected to VBAT
in Non-LDO mode.
◆ I
2C/SPI Control Interface
MAS9560 has many user selectable options. These
selections are mainly made by using registers,
which are programmed via one of the two standard
control interface protocols: I
2C or SPI. The used
control interface type is selected with MODE pin.
◆ Registers
MAS9560 has 11 on-chip registers, which byte
length is 8 bits. Reset register is write-only, all other
registers permit read and write access.
◆ Power Management
MAS9560 has Block Control Register, which allows
separate blocks to be turned on and off
independently. This can be used to reduce power
consumption, since typically all the blocks are not
needed at the same time. If, for example, only
loudspeaker is used as an output, the drivers for
earpiece and headphone can be disabled.
Additionally MAS9560 has Mode Control Register,
which can be used to select operating mode for
MAS9560. These four modes are as follows:
Zero Power, where all digital and analog blocks
are in power down mode. This is a default
mode after startup.
Analog stand-by, which is intended to be used
as a wait state when starting the device. The
purpose of this operating mode is to suppress
audible plops caused by abrupt amplification
changes when blocks in audio chain are waking
up.
Aux to Line, where DACs are disabled and only
analog signaling is used.
Full Power, where all blocks are active.
◆ Temperature Protection
MAS9560 is equipped with over temperature
protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com