Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA323W Datasheet(PDF) 18 Page - STMicroelectronics

Part # STA323W
Description  2.1 high efficiency digital audio system
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323W Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STA323W_06 Datasheet HTML 14Page - STMicroelectronics STA323W_06 Datasheet HTML 15Page - STMicroelectronics STA323W_06 Datasheet HTML 16Page - STMicroelectronics STA323W_06 Datasheet HTML 17Page - STMicroelectronics STA323W_06 Datasheet HTML 18Page - STMicroelectronics STA323W_06 Datasheet HTML 19Page - STMicroelectronics STA323W_06 Datasheet HTML 20Page - STMicroelectronics STA323W_06 Datasheet HTML 21Page - STMicroelectronics STA323W_06 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 71 page
background image
Electrical characteristics curves
STA323W
18/71
Figure 14 shows the mono mode output power as a function of power supply voltages for
loads of 2, 3, and
Ω Ohms. The same current limits as those given for Figure 13 apply,
except output current is 8 A minimum, with 12 A typical in the mono-bridge configuration.
The solid curves show typical performance and dashed curves depict the minimum current
limit. The output power curves assume proper thermal management of the power device's
internal dissipation.
Figure 15.
Half-bridge binary mode output power vs. supply (THD+N=10%).
Curves taken at f = 1 kHz and using a 330µF blocking capacitor
Figure 15 shows the output power as a function of power supply voltages for loads of 4, 6,
and 8
Ω when the STA323W is operated in a half-bridge binary mode. The solid curves
depict typical performance. Minimum current limit is not reached for these combinations of
voltage and load impedance. The output power curves assume proper thermal management
of the power device's internal dissipation.
10
25
20
15
4ohm
6ohm
8ohm
5
0
10
12
14
16
18
20
22
2
26
Power Supply Voltage (VDC)
Output power (W )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com