Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA323W Datasheet(PDF) 21 Page - STMicroelectronics

Part # STA323W
Description  2.1 high efficiency digital audio system
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323W Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STA323W_06 Datasheet HTML 17Page - STMicroelectronics STA323W_06 Datasheet HTML 18Page - STMicroelectronics STA323W_06 Datasheet HTML 19Page - STMicroelectronics STA323W_06 Datasheet HTML 20Page - STMicroelectronics STA323W_06 Datasheet HTML 21Page - STMicroelectronics STA323W_06 Datasheet HTML 22Page - STMicroelectronics STA323W_06 Datasheet HTML 23Page - STMicroelectronics STA323W_06 Datasheet HTML 24Page - STMicroelectronics STA323W_06 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 71 page
background image
STA323W
Electrical characteristics curves
21/71
Figure 22.
Channel separation 1 W, BTL stereo mode
Figure 23.
THD vs. PWR BTL, 1 kHz
Figure 24.
THD vs. freq. 1 W output, stereo mode
8o h m
4o h m
-1 0 0
+1 0
-9 0
-8 0
-7 0
-6 0
-5 0
-4 0
-3 0
-2 0
-1 0
+0
20
20 k
50
100
2 0 0
500
1 k
2k
5k
10k
Hz
dB r A
8o hm
6o hm
4 ohm
0.0 1
10
0.0 2
0.0 5
0.1
0.2
0.5
1
2
5
%
100 m
50
20 0m
50 0m
1
2
5
1 0
2 0
W
6ohm
8ohm
4 ohm
0.01
1
0.02
0.05
0.1
0.2
0.5
%
20
20 k
5 0
100
2 0 0
5 00
1k
2k
5k
1 0 k
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com