Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA323W Datasheet(PDF) 20 Page - STMicroelectronics

Part # STA323W
Description  2.1 high efficiency digital audio system
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323W Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STA323W_06 Datasheet HTML 16Page - STMicroelectronics STA323W_06 Datasheet HTML 17Page - STMicroelectronics STA323W_06 Datasheet HTML 18Page - STMicroelectronics STA323W_06 Datasheet HTML 19Page - STMicroelectronics STA323W_06 Datasheet HTML 20Page - STMicroelectronics STA323W_06 Datasheet HTML 21Page - STMicroelectronics STA323W_06 Datasheet HTML 22Page - STMicroelectronics STA323W_06 Datasheet HTML 23Page - STMicroelectronics STA323W_06 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 71 page
background image
Electrical characteristics curves
STA323W
20/71
Figure 19.
FFT -60 dB, 1 kHz output
Figure 20.
FFT inter-modulation distortion 19 kHz and 20 kHz
4.1.2
Audio performance - stereo mode (operation with Vcc = 18.5 V)
Figure 21.
Frequency response: 1 W, BTL, 8 ohm
8o h m
-3
+3
-2 .5
-2
-1 .5
-1
-0 .5
+0
+0 .5
+1
+1 .5
+2
+2 .5
20
20 k
50
100
200
500
1 k
2k
5k
1 0 k
Hz
dB r A
4 o h m
6o h m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com