Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA323W Datasheet(PDF) 19 Page - STMicroelectronics

Part # STA323W
Description  2.1 high efficiency digital audio system
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323W Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STA323W_06 Datasheet HTML 15Page - STMicroelectronics STA323W_06 Datasheet HTML 16Page - STMicroelectronics STA323W_06 Datasheet HTML 17Page - STMicroelectronics STA323W_06 Datasheet HTML 18Page - STMicroelectronics STA323W_06 Datasheet HTML 19Page - STMicroelectronics STA323W_06 Datasheet HTML 20Page - STMicroelectronics STA323W_06 Datasheet HTML 21Page - STMicroelectronics STA323W_06 Datasheet HTML 22Page - STMicroelectronics STA323W_06 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 71 page
background image
STA323W
Electrical characteristics curves
19/71
Figure 16.
Half bridge binary mode output power vs. supply voltage (THD+N=1%).
Curves taken at 1 kHz and using a 330µF blocking capacitor
4.1.1
Audio performance (operation with Vcc = 26 V, 8 Ohm load, stereo
mode)
Figure 17.
Typical efficiency
Figure 18.
Typical frequency response
su pp ly vo lta g e (V )
output p o w e r (W )
0
5
10
15
20
25
10
15
20
25
30
8 oh m
4 o h m
3 o h m
2 ohm
100
90
80
70
60
50
40
30
20
10
0
010
20
30
40
50
60
70
80
Total Output Power (Watts)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com