Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA323W Datasheet(PDF) 41 Page - STMicroelectronics

Part # STA323W
Description  2.1 high efficiency digital audio system
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323W Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STA323W_06 Datasheet HTML 37Page - STMicroelectronics STA323W_06 Datasheet HTML 38Page - STMicroelectronics STA323W_06 Datasheet HTML 39Page - STMicroelectronics STA323W_06 Datasheet HTML 40Page - STMicroelectronics STA323W_06 Datasheet HTML 41Page - STMicroelectronics STA323W_06 Datasheet HTML 42Page - STMicroelectronics STA323W_06 Datasheet HTML 43Page - STMicroelectronics STA323W_06 Datasheet HTML 44Page - STMicroelectronics STA323W_06 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 71 page
background image
STA323W
Register descriptions
41/71
7.5
Configuration register D (address 0x03)
7.5.1
High-pass filter bypass
The STA323W features an internal digital high-pass filter for DC blocking. The purpose of
this filter is to prevent DC signals from passing through a DDX® amplifier. DC signals can
cause speaker damage.
7.5.2
De-emphasis
By setting this bit to 1, de-emphasis is implemented on all channels. DSPB (DSP Bypass,
Bit D2, CFA) bit must be set to 0 for de-emphasis to function.
7.5.3
DSP bypass
Setting the DSPB bit bypasses all the EQ and mixing functionality of the STA323W core.
7.5.4
Post-scale link
D7
D6
D5
D4
D3
D2
D1
D0
MME
ZDE
DRC
BQL
PSL
DSPB
DEMP
HPB
00
0
0
0
0
0
0
Table 29.
High-pass filter bypass
Bit
R/W
RST
Name
Description
0R/W
0
HPB
0: AC coupling high pass filter enabled
1: AC coupling high pass filter enabled
Table 30.
De-emphasis
Bit
R/W
RST
Name
Description
1R/W
0
DEMP
0: no de-emphasis
1: de-emphasis
Table 31.
DSP bypass
Bit
R/W
RST
Name
Description
2
R/W
0
DSPB
0: normal operation
1: bypass of EQ and mixing functionality
Table 32.
Post-scale link
Bit
R/W
RST
Name
Description
3R/W
0
PSL
0: each channel uses individual post-scale value
1: each channel uses channel 1 post-scale value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com