Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5133AWSC Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT5133AWSC
Description  Integrated PMIC with 8-Channel LDOs and 3 GPOs for Camera Module Applications
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5133AWSC Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT5133AWSC Datasheet HTML 6Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 7Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 8Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 9Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 10Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 11Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 12Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 13Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
RT5133A
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS5133A-00
March
2022
10
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Quiescent Current
IIQ_LDO1/2
VDDA = PVIN > VOUT + Dropout
ILOAD = 0mA and not include base Iq.
--
30
45
A
IIQ_LDO3/4/5/6
VDDA = PVIN > VOUT + Dropout
ILOAD = 0mA and not include base Iq.
--
55
65
IIQ_LDO7/8
PVIN > VOUT + Dropout
ILOAD = 0mA, LDO7 & LDO8 are turned on
--
220
320
Output Noise Voltage
(Note 5)
Noise_LDO1/2
VOUT = 1.8V/150mA
--
45
--
Vrms
Noise_LDO3/4/5/6 VOUT = 2.8V/150mA
--
50
--
Noise_LDO7/8
VOUT = 1.1V/300mA
--
75
--
I2C characteristics
SCL, SDA High-
Level Input
Threshold Voltage
VIH_I2C
VDD = 1.8V to 5V
1.2
--
--
V
SCL, SDA Low-Level
Input Threshold
Voltage
VIL_I2C
VDD = 1.8V to 5V
--
--
0.4
V
SCL Clock
Frequency
fCLK
Fast-mode
--
--
400
kHz
High-speed mode Cb = 100pF
--
--
3.4
MHz
Bus Free Time
between Stop and
Start Condition
tBUF
Fast-mode
1.3
--
--
s
(Repeated) Start
Hold Time
tHD;STA
Fast-mode
0.6
--
--
s
High-speed mode Cb = 100pF
160
--
--
ns
(Repeated) Start
Setup Time
tSU;STA
Fast-mode
0.6
--
--
s
High-speed mode Cb = 100 pF
160
--
--
ns
STOP Condition
Setup Time
tSU;STO
Fast-mode
0.6
--
--
s
High-speed mode Cb = 100pF
160
--
--
ns
SDA Data Hold Time tHD;DAT
Fast-mode
0
--
--
ns
High-speed mode Cb = 100pF
0
--
70
SDA Valid
Acknowledge Time
tVD;ACK
Fast-mode
--
--
0.9
s
SDA Setup Time
tSU;DAT
Fast-mode
100
--
--
ns
High-speed mode Cb = 100pF
10
--
--
SCL Clock Low Time tLOW
Fast-mode
1.3
--
--
s
High-speed mode Cb = 100pF
160
--
--
ns
SCL Clock High Time tHIGH
Fast-mode
0.6
--
--
s
High-speed mode Cb = 100pF
60
--
--
ns
Note 1. Stresses beyond those listed under ”Absolute Maximum Ratings” may cause permanent damage to the device. These
are stress ratings only, and functional operation of the device at these or any other condition beyond those indicated in
the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions may affect
device reliability.
Note 2.
JA is measured under natural convection (still air) at TA = 25°C with the component mounted on a high effective-thermal-
conductivity four-layer test board on a JEDEC 51-7 thermal measurement standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com