Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5133AWSC Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT5133AWSC
Description  Integrated PMIC with 8-Channel LDOs and 3 GPOs for Camera Module Applications
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5133AWSC Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT5133AWSC Datasheet HTML 1Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 2Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 3Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 4Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 5Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 6Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 7Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 8Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
RT5133A
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS5133A-00
March
2022
2
Pin Configuration
(TOP VIEW)
PVIN3
VOUT7
PVIN8 PVIN7
VOUT8
VOUT1
GPO1 GPO2
AGND
VDDA
AGND
PVIN12
VREF
IRQB
VOUT2
SCL
VOUT6 PVIN6
VOUT4
VOUT5
VOUT3
GPO3
HWEN
SDA
PVIN45
A1
B1
C1
D1
E1
A2
B2
C2
D2
E2
A3
B3
C3
D3
E3
A4
B4
C4
D4
E4
A5
B5
C5
D5
E5
WL-CSP-25B 1.84x1.84 (BSC)
Marking Information
2V : Product Code
W : Date Code
2VW
Typical Application Circuit
AGND
VREF
1
μF
/6.3V
VDDA
GPO1
SCL
SDA
IRQB
GPO3
HWEN
To VDDIO
Processor
VOUT1
VOUT2
VOUT3
VOUT5
VOUT4
GPO2
To VSYS
AGND
PVIN12
To VSYS
PVIN45
To VSYS
PVIN6
To VSYS
VOUT6
PVIN7
To
Ext. Buck
VOUT7
PVIN8
VOUT8
PVIN3
To VSYS
D3
D4
D2
C4
B2
B3
B4
D1
C1
C2
C3
C5
B5
D5
A5
A4
E4
E5
E3
E2
E1
A2
A3
A1
B1
To AVDD
To AVDD
To AVDD
To VIO18
To VAF
R1
R2
R3
C1
RT5133A
R1 to R3 = 2.2k
1
μF
/6.3V
C2
1
μF
/6.3V
C3
2.2
μF
/6.3V
C4
2.2
μF
/6.3V
C5
1
μF
/6.3V
C6
2.2
μF
/6.3V
C7
1
μF
/6.3V
C8
2.2
μF
/6.3V
C9
2.2
μF
/6.3V
C10
1
μF
/6.3V
C11
To AVDD
2.2
μF
/6.3V
C12
1
μF
/6.3V
C13
To DVDD
4.7
μF
/6.3V
C14
To
Ext. Buck
1
μF
/6.3V
C15
To DVDD
4.7
μF
/6.3V
C16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com