Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5133AWSC Datasheet(PDF) 14 Page - Richtek Technology Corporation

Part # RT5133AWSC
Description  Integrated PMIC with 8-Channel LDOs and 3 GPOs for Camera Module Applications
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5133AWSC Datasheet(HTML) 14 Page - Richtek Technology Corporation

Back Button RT5133AWSC Datasheet HTML 10Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 11Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 12Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 13Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 14Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 15Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 16Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 17Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 18Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
RT5133A
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS5133A-00
March
2022
14
LDO7/8 PSRR
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
100
1000
10000
100000
1000000
Frequency (Hz)
VIN = 1.35V, VOUT = 1.1V,
IOUT = 150mA
LDO1/2 Load Regulation
1.75
1.77
1.79
1.81
1.83
1.85
0.00
0.05
0.10
0.15
0.20
0.25
0.30
Output Current (A)
VIN = 4V
VIN = 4.5V
VIN = 5V
VIN = 2.8V
VIN = 3V
VIN = 3.5V
LDO3/4/5/6 Load Regulation
2.75
2.77
2.79
2.81
2.83
2.85
0.00
0.05
0.10
0.15
0.20
0.25
0.30
Output Current (A)
VIN = 3V
VIN = 3.5V
VIN = 4V
VIN = 4.5V
VIN = 5V
LDO7/8 Load Regulation
1.080
1.085
1.090
1.095
1.100
1.105
1.110
0.0
0.1
0.2
0.3
0.4
0.5
0.6
Output Current (A)
VIN = 1.3V
VIN = 1.4V
VIN = 1.6V
VIN = 2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com