Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5133AWSC Datasheet(PDF) 21 Page - Richtek Technology Corporation

Part # RT5133AWSC
Description  Integrated PMIC with 8-Channel LDOs and 3 GPOs for Camera Module Applications
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5133AWSC Datasheet(HTML) 21 Page - Richtek Technology Corporation

Back Button RT5133AWSC Datasheet HTML 17Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 18Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 19Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 20Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 21Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 22Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 23Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 24Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 25Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
RT5133A
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS5133A-00
March
2022
www.richtek.com
21
Address
Reg Name
Bit
Bit Name
Default
Type
Description
0x08
I2C_CTRL
7
I2CSTMR_RST_EN
1
RW
Enable control of I2C Safe
Timer :
Check SDA keeps low for
32ms  I2C reset
0 : Disable
1 : Enable (default)
6
I2C_MODE
1
RW
I2C mode selection
0 : 400kHz
1 : 3.4MHz (default)
5
Reserved
1
RW
4:3
Reserved
10
RW
2:0
SDA_DRVSRSEL
111
RW
SDA pull low slew rate
000 : Fastest
…
111 : Slowest (default)
0x09
BASE_CTRL
7
VDDAUV_SHDN_SEL
1
RW
VDDAUV Shut down
Protection
0 : Interrupt only
1 : Shut down all LDOs
(default)
6
Reserved
0
RW
5:4
VDDAUV_TD
11
RW
Deglitch time of VDDAUV
00 : 64
s
01 : 128
s
10 : 256
s
11 : 1024
s (default)
3:2
Reserved
00
RW
1
FOFF_BASE
0
RW
Force-off BASE circuit
0 : Normal work
1 : Force-off
0
Reserved
0
RW
0x0A
OTP_CTRL
7
OTP0_EN
1
RW
Enable control of OTP0
0 : Disable
1 : Enable (default)
6
OTP1_EN
1
RW
Enable control of OTP1
0 : Disable
1 : Enable (default)
5
OTP2_EN
1
RW
Enable control of OTP2
0 : Disable
1 : Enable (default)
4
OTP_SHDN_SEL
1
RW
OTP shut down protection
0 : Interrupt Only
1 : Shut down all LDOs
(default)
3:0
Reserved
0000
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com