Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5133AWSC Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT5133AWSC
Description  Integrated PMIC with 8-Channel LDOs and 3 GPOs for Camera Module Applications
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5133AWSC Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT5133AWSC Datasheet HTML 9Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 10Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 11Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 12Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 13Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 14Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 15Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 16Page - Richtek Technology Corporation RT5133AWSC Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
RT5133A
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS5133A-00
March
2022
www.richtek.com
13
LDO5 Dropout Voltage vs. Output Current
0.00
0.05
0.10
0.15
0.20
0.25
0
50
100
150
200
250
300
Output Current (mA)
85°C
25°C
40°C
LDO6 Dropout Voltage vs. Output Current
0.00
0.05
0.10
0.15
0.20
0.25
0
50
100
150
200
250
300
Output Current (mA)
85°C
25°C
40°C
LDO7 Dropout Voltage vs. Output Current
0
10
20
30
40
50
60
70
0
100
200
300
400
500
600
Output Current (mA)
85°C
25°C
40°C
LDO8 Dropout Voltage vs. Output Current
0
20
40
60
80
100
120
0
200
400
600
800
1000
Output Current (mA)
85°C
25°C
40°C
LDO1/2 PSRR
-100
-80
-60
-40
-20
0
100
1000
10000
100000
1000000
Frequency (Hz)
VIN = 3.8V, VOUT = 1.8V, IOUT = 50mA
LDO3/4/5/6 PSRR
-120
-100
-80
-60
-40
-20
0
100
1000
10000
100000
1000000
Frequency (Hz)
VIN = 3.8V, VOUT = 2.8V, IOUT = 60mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com