Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6316C Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT6316C
Description  6A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6316C Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT6316C Datasheet HTML 1Page - Richtek Technology Corporation RT6316C Datasheet HTML 2Page - Richtek Technology Corporation RT6316C Datasheet HTML 3Page - Richtek Technology Corporation RT6316C Datasheet HTML 4Page - Richtek Technology Corporation RT6316C Datasheet HTML 5Page - Richtek Technology Corporation RT6316C Datasheet HTML 6Page - Richtek Technology Corporation RT6316C Datasheet HTML 7Page - Richtek Technology Corporation RT6316C Datasheet HTML 8Page - Richtek Technology Corporation RT6316C Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
RT6316B/C
3
DS6316B/C-01 November 2020
www.richtek.com
©
Copyright 2020 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
pin No.
Pin Name
Pin Function
1
BOOT
Boot-strap pin. Supply high-side gate driver. A 0.1
F ceramic capacitor and
at least 10
 RBOOT are connected between this pin and LX pin.
2
LX
Inductor pin. Connect this pin to the switching node of inductor.
3
NC
No internal connection.
4
PGND
Power ground.
5
VIN
Input pin. Decouple this pin to GND pin with at least 10
F ceramic cap.
6
EN
(RT6316B)
Enable control. Pull this pin high to turn on the Buck. Do not leave this pin
floating. EN pin will also be used to set USM mode, when EN pin voltage is
between 0.8V and 1.7V, it will enter USM mode, if EN pin voltage is between
2.3V and 23V, then it is normal mode.
EN
(RT6316C)
Enable control. Pull this pin high to turn on the Buck. Do not leave this pin
floating. EN pin will also be used to set USM mode, when EN pin voltage is
between 0.8V and 1.7V, it will enter USM mode, if EN pin voltage is between
2.3V and 23V, then it is normal mode.
7
PGOOD
Power good indicator. Open drain output when the output voltage is higher
than 90% of regulation point.
8
AGND
Analog ground.
9
VCC
(RT6316B)
5V linear regulator output for internal control circuit. A capacitor (typical 1
F)
should be connected to AGND. Don’t connect to external Load.
FF
(RT6316C)
Output feedforward pin. Connect RC network from the output to this pin.
10
VOUT
(RT6316B)
Output pin. Connect to the output of DC-DC regulator.
VOUT
(RT6316C)
Output pin. Connect to the output of DC-DC regulator. The pin also provide
the bypass input for 5V LDO.
11
LDO3
(RT6316B)
Internal 3.3V LDO output. Bypass a capacitor to GND. This pin is also
capable sourcing 100mA current for external load.
VCC
(RT6316C)
5V linear regulator output for internal control circuit. A capacitor (typical 1
F)
should be connected to AGND. Don’t connect to external load.
12
FF
(RT6316B)
Output feedforward pin. Connect RC network from the output to this pin.
LDO5
(RT6316C)
Internal 5V LDO output. Bypass a capacitor to GND. This pin is also capable
sourcing 100mA current for external load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com