Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6316C Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT6316C
Description  6A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6316C Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT6316C Datasheet HTML 9Page - Richtek Technology Corporation RT6316C Datasheet HTML 10Page - Richtek Technology Corporation RT6316C Datasheet HTML 11Page - Richtek Technology Corporation RT6316C Datasheet HTML 12Page - Richtek Technology Corporation RT6316C Datasheet HTML 13Page - Richtek Technology Corporation RT6316C Datasheet HTML 14Page - Richtek Technology Corporation RT6316C Datasheet HTML 15Page - Richtek Technology Corporation RT6316C Datasheet HTML 16Page - Richtek Technology Corporation RT6316C Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
RT6316B/C
13
DS6316B/C-01 November 2020
www.richtek.com
©
Copyright 2020 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Application Information
The RT6316B/C is high-performance 6A step-down
regulators with internal power switches and synchronous
rectifiers. They feature an Advanced Constant On-Time
(ACOT®) control architecture that provides stable operation
for ceramic output capacitors without complicated external
compensation, among other benefits. The input voltage
range is from 4.5V to 23V. The output voltage are fixed
3.3V (RT6316B) or 5.1V (RT6316C).
The proprietary ACOT® control scheme improves
conventional constant on-time architectures, achieving
nearly constant switching frequency over line, load, and
output voltage ranges. Since there is no internal clock,
response to transients is nearly instantaneous and inductor
current can ramp quickly to maintain output regulation
without large bulk output capacitance.
The RT6316B and RT6316C include 3.3V and 5V linear
regulator(LDO), respectively. The linear regulator provides
an automatic saving power function, when VOUT rises
above 3.1V (RT6316B)/4.7V (RT6316C), an automatic
circuit will change the power source of linear regulator
from VIN path to VOUT path, therefore the power
dissipation of linear regulator will be decrease efficiently.
ACOT
®Control Architecture
The conventional CFCOT (constant frequency constant
on-time) control which making the on-time proportional to
VOUT and inversely proportional to VIN is not sufficient to
achieve good constant-frequency behavior. Because
voltage drops across the MOSFET switches and inductor
cause sensing mismatch as sensing input and output
voltage from LX pin. When the load change, the voltage
drops across the MOSFET switches and inductor cause
a switching frequency variation with load current. One way
to reduce these effects is to measure the actual switching
frequency and compare it to the desired range. This has
the added benefit eliminating the need to sense the actual
output voltage, potentially saving one pin connection.
ACOT®uses this method, measuring the actual switching
frequency and modifying the on-time with a feedback loop
to keep the average switching frequency in the desired
range.
In order to achieve good stability with low-ESR ceramic
capacitors, ACOT® uses a virtual inductor current ramp
generated inside the IC. This internal ramp signal replaces
the ESR ramp normally provided by the output capacitor’s
ESR. The ramp signal and other internal compensations
are optimized for low-ESR ceramic output capacitors.
ACOT
® One-Shot Operation
The RT6316B/C control algorithm is simple to understand.
The feedback voltage, with the virtual inductor current ramp
added, is compared to the reference voltage. When the
combined signal is less than the reference, the on-time
one-shot is triggered as long as the minimum off-time one-
shot is clear and the measured inductor current (through
the synchronous rectifier) is below the current limit. The
on-time one-shot turns on the high-side switch and the
inductor current ramps up linearly. After the on-time,
the high-side switch is turned off and the synchronous
rectifier is turned on and the inductor current ramps down
linearly. At the same time, the minimum off-time one-shot
is triggered to prevent another immediate on-time during
the noisy switching time and allow the feedback voltage
and current sense signals to settle. The minimum off-time
is kept short (200ns typical) so that rapidly-repeated on-
times can raise the inductor current quickly when needed.
Average Output Voltage Control Loop
In continuous conduction mode, the RT6316B/C provides
a average output voltage control loop to cancel the DC
error between VFB(average) and VREF by adjusting the
comparator input VREF to make VFB(average) always follow
designed value. This loop can efficiently improves the load
and line regulation without affecting the transient
performance. The operation figure is shown in Figure 1.
Figure 1. Average output voltage control loop operation
DC error
VFB(average)
VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com