Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6316C Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT6316C
Description  6A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6316C Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT6316C Datasheet HTML 1Page - Richtek Technology Corporation RT6316C Datasheet HTML 2Page - Richtek Technology Corporation RT6316C Datasheet HTML 3Page - Richtek Technology Corporation RT6316C Datasheet HTML 4Page - Richtek Technology Corporation RT6316C Datasheet HTML 5Page - Richtek Technology Corporation RT6316C Datasheet HTML 6Page - Richtek Technology Corporation RT6316C Datasheet HTML 7Page - Richtek Technology Corporation RT6316C Datasheet HTML 8Page - Richtek Technology Corporation RT6316C Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
RT6316B/C
4
DS6316B/C-01 November 2020
www.richtek.com
©
Copyright 2020 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Block Diagram
VIN
LX
PWM
Control
&
Protect
Logic
PGND
BOOT
+
-
5V
LDO
VIN
Current Sense
RT6316B
PGOOD
Internal
SST
Thermal
Protection
Input UVLO
EN
3V
LDO
LDO3
VCC
+
-
0.6V
VOUT
AGND
FF
+
-
3.1V
VOUT
RDIS
VIN
EN
LX
PWM
Control
&
Protect
Logic
PGND
BOOT
VCC
+
-
5V
LDO
VIN
Current Sense
RT6316C
Input UVLO
Thermal
Protection
Internal
SST
PGOOD
+
-
0.6V
VOUT
AGND
FF
+
-
4.7V
LDO5
5V
LDO
VOUT
RDIS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com