Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6316C Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT6316C
Description  6A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6316C Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT6316C Datasheet HTML 1Page - Richtek Technology Corporation RT6316C Datasheet HTML 2Page - Richtek Technology Corporation RT6316C Datasheet HTML 3Page - Richtek Technology Corporation RT6316C Datasheet HTML 4Page - Richtek Technology Corporation RT6316C Datasheet HTML 5Page - Richtek Technology Corporation RT6316C Datasheet HTML 6Page - Richtek Technology Corporation RT6316C Datasheet HTML 7Page - Richtek Technology Corporation RT6316C Datasheet HTML 8Page - Richtek Technology Corporation RT6316C Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
®
DS6316B/C-01 November 2020
www.richtek.com
1
©
Copyright 2020 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
RT6316B/C
Features
4.5V to 23V (RT6316B) and 5.1V to 23V (RT6316C)
Input Voltage Range 6A Output Current
ACOT
® Mode Performs Fast Transient Response
ACOT
® Architecture to Enable All MLCC Output
Capacitor Usage
Fixed 750kHz (RT6316C) and 500kHz (RT6316B)
Switching Frequency
High Efficient Internal Power MOSFET Switch-
30m
Ω
Ω
Ω
Ω
Ω (High-Side) and 15mΩ
Ω
Ω
Ω
Ω (Low-Side)
Fixed 3.3V (RT6316B) and 5V (RT6316C) LDOs
Output Supply 100mA
Pre-biased Soft-Start
Cycle-by-Cycle Over-Current Protection
Input Under-Voltage Lockout
Thermal Shutdown Protection
Output Over-/Under-Voltage Protection
Ultrasonic Mode (USM)
General Description
The RT6316B/C is an advanced constant on-time (ACOT®)
mode synchronous buck converter. The main control loop
of the RT6316B/C using an advanced constant on-time
(ACOT®) mode control which provides a very fast transient
response. The RT6316B operates from 4.5V to 23V input
voltage and RT6316C operates from 5.1V to 23V.
Applications
Industrial and Commercial Low Power Systems
Computer Peripherals
LCD Monitors and TVs
Green Electronics/Appliances
Point of Load Regulation for High-Performance DSPs,
FPGAs, and ASICs
6A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
Simplified Application Circuit
RT6316B/C
VCC
LX
VOUT
VCC
PGOOD
VPGOOD
VEN
EN
VIN
VIN
PGND
AGND
LDO
VLDO
BOOT
VOUT
FF


Similar Part No. - RT6316C

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT6310 RICHTEK-RT6310 Datasheet
1Mb / 54P
10A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
August 2023
RT6310A/AH RICHTEK-RT6310A/AH Datasheet
1Mb / 54P
10A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
August 2023
RT6310A/AH/B/BH/C/CH RICHTEK-RT6310A/AH/B/BH/C/CH Datasheet
1Mb / 54P
10A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
August 2023
RT6310A/AH/B/BH/C/CH/D/DH RICHTEK-RT6310A/AH/B/BH/C/CH/D/DH Datasheet
1Mb / 54P
10A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
August 2023
RT6310AGQUF RICHTEK-RT6310AGQUF Datasheet
1Mb / 54P
10A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
August 2023
More results

Similar Description - RT6316C

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8253B RICHTEK-RT8253B Datasheet
205Kb / 15P
3A, 23V, 1.2MHz Synchronous Step-Down Converter
logo
Analog Intergrations Co...
AIC2857F AIC-AIC2857F Datasheet
514Kb / 12P
2A 23V Synchronous Step-Down Converter
AIC2858F AIC-AIC2858F Datasheet
510Kb / 11P
3A 23V Synchronous Step-Down Converter
logo
Eutech Microelectronics...
EUP3216 EUTECH-EUP3216 Datasheet
785Kb / 1P
6A Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT6258D RICHTEK-RT6258D Datasheet
342Kb / 20P
8A, 23V Synchronous Step-Down Converter with 5V LDO
RT6226A RICHTEK-RT6226A Datasheet
435Kb / 26P
6A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
September 2019
RT6310 RICHTEK-RT6310 Datasheet
1Mb / 54P
10A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
August 2023
RT6318B RICHTEK-RT6318B Datasheet
399Kb / 25P
8A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
December 2021
RT6256B RICHTEK-RT6256B Datasheet
411Kb / 24P
6A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
November 2020
RT6258B RICHTEK-RT6258B Datasheet
402Kb / 24P
8A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
November 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com