Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6316C Datasheet(PDF) 21 Page - Richtek Technology Corporation

Part # RT6316C
Description  6A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6316C Datasheet(HTML) 21 Page - Richtek Technology Corporation

Back Button RT6316C Datasheet HTML 17Page - Richtek Technology Corporation RT6316C Datasheet HTML 18Page - Richtek Technology Corporation RT6316C Datasheet HTML 19Page - Richtek Technology Corporation RT6316C Datasheet HTML 20Page - Richtek Technology Corporation RT6316C Datasheet HTML 21Page - Richtek Technology Corporation RT6316C Datasheet HTML 22Page - Richtek Technology Corporation RT6316C Datasheet HTML 23Page - Richtek Technology Corporation RT6316C Datasheet HTML 24Page - Richtek Technology Corporation RT6316C Datasheet HTML 25Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
RT6316B/C
21
DS6316B/C-01 November 2020
www.richtek.com
©
Copyright 2020 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
For system stability and coupling noise elimination, the
sensitive components and signals, such as control signal
and feedback loop, should keep away from LX node.
For enhancing noise immunity on VCC pin, the
decoupling capacitor must be connected from VCC to
AGND, and the capacitor should be placed close to IC.
The feedback signal path from VOUT to IC should be
wide and kept away from high switching path.
The trace width and numbers of via should be based on
application current to design. Make sure the switching
power supply has great thermal performance and good
efficiency.
An example of PCB layout guides are shown in Figure 8
and Figure 9 for reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com