Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL60007/TBD Datasheet(PDF) 4 Page - Zarlink Semiconductor Inc

Part # ZL60007/TBD
Description  1310nm, 1550nm 622Mbps PIN with Preamplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL60007/TBD Datasheet(HTML) 4 Page - Zarlink Semiconductor Inc

  ZL60007/TBD Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL60007/TBD Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL60007/TBD Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL60007/TBD Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL60007/TBD Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL60007/TBD Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL60007/TBD Datasheet HTML 7Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ZL60007
Data Sheet
4
Zarlink Semiconductor Inc.
Figure 6 - Output Voltage vs Input Power
Application Guidelines
ESD handling
The receiver is sensitive to electrostatic discharges. When handling the device, precautions for ESD sensitive
devices should be taken. These precautions include use of ESD protected work area with wrist straps, controlled
work benches, floors etc.
Power Supply Filter
Power Supply decoupling capacitors are recommended for optimal performance of the receiver. A filter is
recommended to minimize power supply noise. See Figure 7.
Figure 7 - Recommended Power Supply Filter
0.1
1
10
100
0.0001
0.001
0.01
0.1
1
Pavg (m W)
0.01
0.1
1
10
Response
OIPvsOutput
C
0.1
µF
C
10nF
L
10
µH
Host
V
CC
PIN /
Preamp



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com