Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL60007/TBD Datasheet(PDF) 3 Page - Zarlink Semiconductor Inc

Part # ZL60007/TBD
Description  1310nm, 1550nm 622Mbps PIN with Preamplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL60007/TBD Datasheet(HTML) 3 Page - Zarlink Semiconductor Inc

  ZL60007/TBD Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL60007/TBD Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL60007/TBD Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL60007/TBD Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL60007/TBD Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL60007/TBD Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL60007/TBD Datasheet HTML 7Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Data Sheet
ZL60007
3
Zarlink Semiconductor Inc.
Typical Responsivity
Wavelength
Fiber Core/cladding Diameter Numerical Aperture
10/125µm,
NA=0.11
50/125µm,
NA=0.20
62.5/125µm,
NA=0.275
Differential responsivity
1310nm
22kV/W
22kV/W
22kV/W
Differential responsivity
1550nm
27kV/W
27kV/W
27kV/W
Figure 3 - Typical Responsivity vs Axial
Displacement for a Multimode Fiber
Figure 4 - Responsivity vs. Wavelength of
Coupled Input Power
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
z- A xial Displacement of Fiber (mm) at r-opt, relative TO-46 lens
%
100
50
0
1800
800 900 1000 1100 1200 1300 1400 1500 1600 1700
nm
Wavelength
Figure 5 - Typical Responsivity vs Radial
Displacement for a Multimode Fiber
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
10
2030
4050
607080
90
100
110
120
R-Radial Displacement of Fiber (µm) at z=opt



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com