Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL60007/TBD Datasheet(PDF) 5 Page - Zarlink Semiconductor Inc

Part # ZL60007/TBD
Description  1310nm, 1550nm 622Mbps PIN with Preamplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL60007/TBD Datasheet(HTML) 5 Page - Zarlink Semiconductor Inc

  ZL60007/TBD Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL60007/TBD Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL60007/TBD Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL60007/TBD Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL60007/TBD Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL60007/TBD Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL60007/TBD Datasheet HTML 7Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Data Sheet
ZL60007
5
Zarlink Semiconductor Inc.
Data Outputs
The outputs Data and Data signals, are designed to drive a high load >500’
Ω. It is recommended to use Mindspeed
MC2044C postamplifier (Rin~4.5’Ω) together with ZL60007.
Figure 8 - Recommended Post Amplifier and Coupling Capacitors
ZL60007 output
MC2044C
C
10nF
C
10nF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com