Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL60007/TBD Datasheet(PDF) 6 Page - Zarlink Semiconductor Inc

Part # ZL60007/TBD
Description  1310nm, 1550nm 622Mbps PIN with Preamplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL60007/TBD Datasheet(HTML) 6 Page - Zarlink Semiconductor Inc

  ZL60007/TBD Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL60007/TBD Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL60007/TBD Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL60007/TBD Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL60007/TBD Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL60007/TBD Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL60007/TBD Datasheet HTML 7Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
BOTTOM VIEW ( 10 : 1 )
SIDE VIEW
© Zarlink Semiconductor 2002. All rights reserved.
ISSUE
ACN
DATE
APPRD.
Previous package codes
Title
Drawing type
Package code
1
JS0 04078R1A
22-MAR-03
TD/BE
JS004078
Package drawing, TO-46 with lens
TB
2,54
1,17
n
- 0
0,05
+
(3x)
0,45
n
- 0,04
0,03
+
(4x)
n1,02 max
1,0
2
45°
R2,7
3,8
0,6
13,46
`0,76
Lens
n1.5`0.05
R0,4 max
*
0,33 max
Brazed
*
0,25 max glass overmould (3x)
NOTES:-
1. All dimensions in mm.
2. General tol. ISO-2768-mK.
3. Coating: Case:
Ni 1,5-2,5 µm.
Header: Ni min 0,5 µm / Au min 1,5 µm.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com