Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL60007/TBD Datasheet(PDF) 1 Page - Zarlink Semiconductor Inc

Part # ZL60007/TBD
Description  1310nm, 1550nm 622Mbps PIN with Preamplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL60007/TBD Datasheet(HTML) 1 Page - Zarlink Semiconductor Inc

  ZL60007/TBD Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL60007/TBD Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL60007/TBD Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL60007/TBD Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL60007/TBD Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL60007/TBD Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL60007/TBD Datasheet HTML 7Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Features
• Data rate up to 622Mbps
• 1310, 1550 nm PIN
• TIA with AGC
• TO-46 Assembly
• 3.3V power supply
Applications
• Sonet OC-12
• SDH STM-4
• ATM 622Mbps
Figure 1 - Pin Diagram
Data Out
VCC
Data Out
Case
GND
Bottom View
Description
This optical receiver is a 3.3V device which contains
an InGaAs PIN photodiode and a transimpedance
amplifier with Automatic Gain Control and DC restore
circuit assembled in a TO-46 package. It is designed
for ATM and SDH/Sonet 622Mbps. Its double-lens
optical system is designed for single mode fiber as
well as for multimode fiber with a core diameter up to
62.5
µm. Reliability Assurance based on Telcordia GR-
468-CORE.
Figure 2 - Functional Schematic
V
CC
GND
Data
Data
Data Out
Data Out
May 2003
Ordering Information
ZL60007/TBD
TO-46 with lens
-40
°C to +85°C
ZL60007
1310nm, 1550nm 622Mbps
PIN with Preamplifier
Data Sheet


Similar Part No. - ZL60007/TBD

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL60001 ZARLINK-ZL60001 Datasheet
418Kb / 5P
High speed 2.5 Gbps 850 nm VCSEL
ZL60001TBD ZARLINK-ZL60001TBD Datasheet
418Kb / 5P
High speed 2.5 Gbps 850 nm VCSEL
ZL60003 ZARLINK-ZL60003 Datasheet
376Kb / 4P
RCLED 650 nm, Plastic Optical Fiber Communications - 125 to 250 Mbps
ZL60003TBD ZARLINK-ZL60003TBD Datasheet
376Kb / 4P
RCLED 650 nm, Plastic Optical Fiber Communications - 125 to 250 Mbps
ZL60005 ZARLINK-ZL60005 Datasheet
250Kb / 5P
VCSEL Laser Diode
More results

Similar Description - ZL60007/TBD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3658 MAXIM-MAX3658 Datasheet
1Mb / 14P
622Mbps, Low-Noise, High-Gain Transimpedance Preamplifier
19-3015; Rev 1; 5/04
logo
List of Unclassifed Man...
C-15-F04 ETC2-C-15-F04 Datasheet
507Kb / 4P
1550nm Emitting , 1310nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
logo
Source Photonics, Inc.
LDR-FC-31Z-L-T-ASFCNE SOURCE-LDR-FC-31Z-L-T-ASFCNE Datasheet
442Kb / 4P
1310nm & 1550nm Laser Diode Module
LDR-FC-31Z-L-T-ASSTNB SOURCE-LDR-FC-31Z-L-T-ASSTNB Datasheet
430Kb / 4P
1310nm & 1550nm Laser Diode Module
LDP-FC-31Z-L-T-ASNCN SOURCE-LDP-FC-31Z-L-T-ASNCN Datasheet
518Kb / 4P
1310nm & 1550nm Laser Diode Module
LDR-F3-31Z-L-T-AS SOURCE-LDR-F3-31Z-L-T-AS Datasheet
517Kb / 4P
1310nm & 1550nm Laser Diode Module
C-13-15-F04-P-NLCH SOURCE-C-13-15-F04-P-NLCH Datasheet
512Kb / 4P
1310nm Emitting , 1550nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
C-13-15-F02-BD-NLCM SOURCE-C-13-15-F02-BD-NLCM Datasheet
825Kb / 4P
1310nm Emitting ,1550nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
C-15-13-F02-BD-NLCM SOURCE-C-15-13-F02-BD-NLCM Datasheet
824Kb / 4P
1550nm Emitting ,1310nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
logo
Maxim Integrated Produc...
MAX3658 MAXIM-MAX3658_V01 Datasheet
530Kb / 15P
622Mbps, Low-Noise, High-Gain Transimpedance Preamplifier
19-3015; Rev 3; 2/07
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com