Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA2000D2PWPR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2000D2PWPR
Description  2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2000D2PWPR Datasheet(HTML) 4 Page - Texas Instruments

  TPA2000D2PWPR Datasheet HTML 1Page - Texas Instruments TPA2000D2PWPR Datasheet HTML 2Page - Texas Instruments TPA2000D2PWPR Datasheet HTML 3Page - Texas Instruments TPA2000D2PWPR Datasheet HTML 4Page - Texas Instruments TPA2000D2PWPR Datasheet HTML 5Page - Texas Instruments TPA2000D2PWPR Datasheet HTML 6Page - Texas Instruments TPA2000D2PWPR Datasheet HTML 7Page - Texas Instruments TPA2000D2PWPR Datasheet HTML 8Page - Texas Instruments TPA2000D2PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
OPERATING CHARACTERISTICS
TPA2000D2
SLOS291F – MARCH 2000 – REVISED MARCH 2007
MIN
TYP
MAX
UNIT
VDD, PVDD
Supply voltage
4.5
5.5
V
VIH
High-level input voltage
GAIN0, GAIN1, SHUTDOWN
2
V
VIL
Low-level input voltage
GAIN0, GAIN1, SHUTDOWN
0.8
V
ROSC
Oscillator resistance
120
k
Ω
COSC
Oscillator capacitance
220
pF
fs
Switching frequency
200
300
kHz
TA
Operating free-air temperature
-40
85
°C
T
A = 25°C, VDD = PVDD = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
| VOO |
Output offset voltage (measured differentially)
VI = 0 V
25
mV
PSRR
Power supply rejection ratio
VDD=PVDD = 4.5 V to 5.5 V
-77
dB
IIH
High-level input current
VDD=PVDD = 5.5 V, VI = VDD = PVDD
1
µA
IIL
Low-level input current
VDD=PVDD = 5.5 V, VI = 0 V
1
µA
IDD
Supply current
No filter (with or without speaker load)
8
10
mA
IDD
Supply current
With filter, L = 22 µH, C = 1 µF
15
mA
IDD(SD)
Supply current, shutdown mode
1
15
µA
T
A = 25°C, VDD = PVDD = 5 V, RL = 4 Ω, Gain = 8 dB (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PO
Output power
THD = 0.1%, f = 1 kHz, RL = 3 Ω
2
W
THD+N
Total harmonic distortion plus noise
PO = 1 W, f = 20 Hz to 20 kHz
<0.5%
BOM
Maximum output power bandwidth
THD = 5%
20
kHz
kSVR
Supply ripple rejection ratio
f = 1 kHz, C(BYPASS) = 0.4 µF
-60
dB
SNR
Signal-to-noise ratio
87
dBV
Integrated noise floor
20 Hz to 20 kHz, No input
56
µV
ZI
Input impedance
>20
k
Ω
Table 1. Gain Settings
AMPLIFIER GAIN
INPUT IMPEDANCE
(dB)
(k
Ω)
GAIN1
GAIN0
TYP
TYP
0
0
8
104
0
1
12
74
1
0
17.5
44
1
1
23.5
24
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com